Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89876LMG Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89876LMG
Description  3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89876LMG Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89876LMG Datasheet HTML 1Page - Micrel Semiconductor SY89876LMG Datasheet HTML 2Page - Micrel Semiconductor SY89876LMG Datasheet HTML 3Page - Micrel Semiconductor SY89876LMG Datasheet HTML 4Page - Micrel Semiconductor SY89876LMG Datasheet HTML 5Page - Micrel Semiconductor SY89876LMG Datasheet HTML 6Page - Micrel Semiconductor SY89876LMG Datasheet HTML 7Page - Micrel Semiconductor SY89876LMG Datasheet HTML 8Page - Micrel Semiconductor SY89876LMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Precision Edge®
SY89876L
Micrel, Inc.
M9999-020707
hbwhelp@micrel.com or (408) 955-1690
V
CC = 3.3V ±10%; RL = 100Ω across the outputs; TA = –40°C to +85°C; Unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
f
MAX
Maximum Input Frequency
V
OUT ≥ 200mV
2.0
2.5
GHz
t
PD
Differential Propagation Delay
Input Swing < 400mV
590
690
870
ps
IN to Q
Input Swing ≥ 400mV
540
640
820
ps
t
SKEW
Within-Device Skew (diff.)
Note 2
515
ps
Part-to-Part Skew (diff.)
Note 2
280
ps
t
RR
Reset Recovery Time
Note 3
600
ps
T
jitter
Cycle-to-Cycle Jitter
Note 4
1ps
RMS
Total Jitter
Note 5
10
ps
PP
t
r,tf
Rise/Fall Time (20% to 80%)
60
110
190
ps
Note 1.
Measured with 400mV input signal, 50% duty cycle, all outputs loaded with 100Ω across each output pair, unless otherwise stated.
Note 2.
Skew is measured between outputs under identical transitions.
Note 3.
See “Timing Diagram.”
Note 4.
Cycle-to-cycle jitter definition: the variation in period between adjacent cycles over a random sample of adjacent cycle pairs. Tjitter_cc =Tn–Tn+1,
where T is the time between rising edges of the output signal.
Note 5.
Total jitter definition: with an ideal clock input of frequency ≤ fMAX, no more than one output edge in 10
12 output edges will deviate by more
than the specified peak-to-peak jitter value.
AC ELECTRICAL CHARACTERISTICS(Notes 1)
TIMING DIAGRAM
VIN
/RESET
IN
/IN
/Q
Q
tPD
tRR
VCC/2
VIN Swing
VOUT Swing


Similar Part No. - SY89876LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89876LMG MICREL-SY89876LMG Datasheet
144Kb / 10P
   3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS
SY89876LMGTR MICREL-SY89876LMGTR Datasheet
144Kb / 10P
   3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS
More results

Similar Description - SY89876LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89873L MICREL-SY89873L Datasheet
103Kb / 11P
   3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
SY89875U MICREL-SY89875U_07 Datasheet
161Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89875U MICREL-SY89875U Datasheet
231Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1;2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89872U MICREL-SY89872U Datasheet
575Kb / 10P
   2.5V, 2GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89833L MICREL-SY89833L Datasheet
156Kb / 10P
   3.3V, 2GHz ANY-DIFFERENTIAL INPUT-TO-LVDS 1:4 FANOUT BUFFER/TRANSLATOR W/ INTERNAL TERMINATION
logo
Renesas Technology Corp
8S89875I RENESAS-8S89875I Datasheet
621Kb / 17P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
logo
Micrel Semiconductor
SY89876L_0708 MICREL-SY89876L_0708 Datasheet
144Kb / 10P
   3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS
logo
Integrated Device Techn...
ICS889872 IDT-ICS889872 Datasheet
1Mb / 14P
   DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
logo
Renesas Technology Corp
8S89876I RENESAS-8S89876I Datasheet
591Kb / 16P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
logo
Micrel Semiconductor
SY89874U MICREL-SY89874U Datasheet
180Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com