Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7042ZTR-E1 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7042ZTR-E1
Description  VOLTAGE DETECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7042ZTR-E1 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AZ7042ZTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ7042ZTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ7042ZTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ7042ZTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ7042ZTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7042ZTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7042ZTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7042ZTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7042ZTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Mar. 2007 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
VOLTAGE DETECTOR
AZ70XX
Preliminary Datasheet
Ordering Information
Package
Temperature
Range
Detect
Voltage
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-92
-40 to 85oC
2.3V
AZ7023Z
AZ7023Z-E1
AZ7023Z
AZ7023Z-E1
Bulk
AZ7023ZTR
AZ7023ZTR-E1
AZ7023Z
AZ7023Z-E1
Ammo
2.5V
AZ7025Z
AZ7025Z-E1
AZ7025Z
AZ7025Z-E1
Bulk
AZ7025ZTR
AZ7025ZTR-E1
AZ7025Z
AZ7025Z-E1
Ammo
2.7V
AZ7027Z
AZ7027Z-E1
AZ7027Z
AZ7027Z-E1
Bulk
AZ7027ZTR
AZ7027ZTR-E1
AZ7027Z
AZ7027Z-E1
Ammo
2.9V
AZ7029Z
AZ7029Z-E1
AZ7029Z
AZ7029Z-E1
Bulk
AZ7029ZTR
AZ7029ZTR-E1
AZ7029Z
AZ7029Z-E1
Ammo
3.1V
AZ7031Z
AZ7031Z-E1
AZ7031Z
AZ7031Z-E1
Bulk
AZ7031ZTR
AZ7031ZTR-E1
AZ7031Z
AZ7031Z-E1
Ammo
3.3V
AZ7033Z
AZ7033Z-E1
AZ7033Z
AZ7033Z-E1
Bulk
AZ7033ZTR
AZ7033ZTR-E1
AZ7033Z
AZ7033Z-E1
Ammo
4.2V
AZ7042Z
AZ7042Z-E1
AZ7042Z
AZ7042Z-E1
Bulk
AZ7042ZTR
AZ7042ZTR-E1
AZ7042Z
AZ7042Z-E1
Ammo
4.5V
AZ7045Z
AZ7045Z-E1
AZ7045Z
AZ7045Z-E1
Bulk
AZ7045ZTR
AZ7045ZTR-E1
AZ7045Z
AZ7045Z-E1
Ammo
SOT-89-3
-40 to 85oC
2.3V
AZ7023RTR
AZ7023RTR-E1
7023R
E723
Tape & Reel
2.5V
AZ7025RTR
AZ7025RTR-E1
7025R
E725
Tape & Reel
2.7V
AZ7027RTR
AZ7027RTR-E1
7027R
E727
Tape & Reel
2.9V
AZ7029RTR
AZ7029RTR-E1
7029R
E729
Tape & Reel
3.1V
AZ7031RTR
AZ7031RTR-E1
7031R
E731
Tape & Reel
3.3V
AZ7033RTR
AZ7033RTR-E1
7033R
E733
Tape & Reel
4.2V
AZ7042RTR
AZ7042RTR-E1
7042R
E742
Tape & Reel
4.5V
AZ7045RTR
AZ7045RTR-E1
7045R
E745
Tape & Reel
Circuit Type
Package
Z: TO-92
E1: Lead Free
Blank: Tin Lead
AZ70
-
TR: Tape and Reel or Ammo
Blank: Bulk
R: SOT-89-3
Detect Voltage
23: 2.3V
27: 2.7V
29: 2.9V
33: 3.3V
42: 4.2V
45: 4.5V
25: 2.5V
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
31: 3.1V


Similar Part No. - AZ7042ZTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7042ZTR-E1 BCDSEMI-AZ7042ZTR-E1 Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
AZ7042ZTR-E1 BCDSEMI-AZ7042ZTR-E1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
logo
Diodes Incorporated
AZ7042ZTR-E1 DIODES-AZ7042ZTR-E1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
Oct. 2011 Rev. 2. 2
More results

Similar Description - AZ7042ZTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com