Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP4300BP-A Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP4300BP-A
Description  DUAL OP AMP AND VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4300BP-A Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4300BP-A Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4300BP-A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4300BP-A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4300BP-A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4300BP-A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4300BP-A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4300BP-A Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP4300BP-A Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP4300BP-A Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DUAL OP AMP AND VOLTAGE REFERENCE
AP4300
8
Jul. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
-2
-1
01
23
-100
-50
0
50
100
150
Cathode Voltage (V)
AZ4300-B
V
KA
=V
REF
T
A
=25
0C
-40
-20
0
20
40
60
80
100
120
2.580
2.585
2.590
2.595
2.600
2.605
2.610
AP4300-A
Ambient Temperature (
oC)
-40
-20
0
2040
6080
100
120
2.480
2.485
2.490
2.495
2.500
2.505
2.510
AP4300-B
Ambient Temperature (
oC)
Figure 7. Reference Voltage vs. Ambient Temperature
Figure 6. Reference Voltage vs. Ambient Temperature
-40
-20
0
2040
6080
100
120
0
5
10
15
20
25
30
Ambient Temperature (
oC)
Figure10. Input Bias Current vs. Ambient Temperature
0
2
4
6
8
101214
161820
60
70
80
90
100
110
Supply Voltage (V)
R
L
=2K
R
L
=20K
Figure 11. Operational Amplifier Voltage Gain
Figure 9. Cathode Current vs. Cathode Voltage
Typical Performance Characteristics
-2
-1
01
23
-100
-50
0
50
100
150
Cathode Voltage (V)
AZ4300-A
V
KA
=V
REF
T
A
=25
0C
Figure 8. Cathode Current vs. Cathode Voltage


Similar Part No. - AP4300BP-A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4300BP-A BCDSEMI-AP4300BP-A Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4300BP-AE1 BCDSEMI-AP4300BP-AE1 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4300BP-A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310A DIODES-AP4310A Datasheet
506Kb / 8P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Shenzhen Huazhimei Semi...
HM4310 HMSEMI-HM4310 Datasheet
507Kb / 6P
   Dual op AMP and voltage reference
logo
SeCoS Halbleitertechnol...
SPW8103S SECOS-SPW8103S Datasheet
749Kb / 4P
   Dual OP-AMP and 2.5V 0.7% Voltage Reference
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com