Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2121AK-1.5TRE1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2121AK-1.5TRE1
Description  HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2121AK-1.5TRE1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2121AK-1.5TRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2121AK-1.5TRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2121AK-1.5TRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2121AK-1.5TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2121AK-1.5TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2121AK-1.5TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2121AK-1.5TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2121AK-1.5TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2121AK-1.5TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Preliminary Datasheet
4
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121
Package
Temperature Range
Condition
Part Number
Marking ID
Packing Type
SOT-23-3
-40 to 85
oC
AP2121N-1.5TRE1
EF1
Tape & Reel
AP2121N-1.8TRE1
EF3
Tape & Reel
AP2121N-2.5TRE1
EF4
Tape & Reel
AP2121N-2.8TRE1
EF5
Tape & Reel
AP2121N-3.0TRE1
EF6
Tape & Reel
AP2121N-3.2TRE1
EF7
Tape & Reel
AP2121N-3.3TRE1
EF8
Tape & Reel
SOT-23-5
-40 to 85oC
Active High (Pull-down resistor built-in) AP2121AK-1.5TRE1
E1Z
Tape & Reel
Active High (Pull-down resistor built-in) AP2121AK-1.8TRE1
E1U
Tape & Reel
Active High (Pull-down resistor built-in) AP2121AK-2.5TRE1
E1V
Tape & Reel
Active High (Pull-down resistor built-in) AP2121AK-2.8TRE1
E1W
Tape & Reel
Active High (Pull-down resistor built-in) AP2121AK-3.0TRE1
E1X
Tape & Reel
Active High (Pull-down resistor built-in) AP2121AK-3.2TRE1
E3Z
Tape & Reel
Active High (Pull-down resistor built-in) AP2121AK-3.3TRE1
E1Y
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Package
E1: Lead Free
AP2121
-
TR: Tape and Reel
Ordering Information
1.5: Fixed Output 1.5V
2.5: Fixed Output 2.5V
N: SOT-23-3
3.0: Fixed Output 3.0V
K: SOT-23-5
A: Active High
(Pull-down resistor built-in)
Blank: No Enable Function
1.8: Fixed Output 1.8V
2.8: Fixed Output 2.8V
3.2: Fixed Output 3.2V
3.3: Fixed Output 3.3V


Similar Part No. - AP2121AK-1.5TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2121AK-1.5TRE1 BCDSEMI-AP2121AK-1.5TRE1 Datasheet
166Kb / 2P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Diodes Incorporated
AP2121AK-1.5TRE1 DIODES-AP2121AK-1.5TRE1 Datasheet
1Mb / 29P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
More results

Similar Description - AP2121AK-1.5TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2122 BCDSEMI-AP2122 Datasheet
238Kb / 20P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Diodes Incorporated
AP2120 DIODES-AP2120 Datasheet
643Kb / 19P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 5 - 2 March 2021
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
logo
BCD Semiconductor Manuf...
AP2121 BCDSEMI-AP2121 Datasheet
166Kb / 2P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2120 BCDSEMI-AP2120 Datasheet
659Kb / 21P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
logo
Sipex Corporation
SP6260 SIPEX-SP6260 Datasheet
726Kb / 17P
   High Speed, Extremely Low Noise 150mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com