Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89859UMGTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89859UMGTR
Description  Precision Low-Power 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89859UMGTR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89859UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 10Page - Micrel Semiconductor SY89859UMGTR Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Micrel, Inc.
SY89859U
February 2007
M9999-022007-B
hbwhelp@micrel.com or (408) 955-1690
7
AC Electrical Characteristics
(7)
VCC = +2.5V ±5% or 3.3V ±10%; VIN ≥100mV (200mVpp); RL = 50Ω to VCC–2V; TA = –40°C to +85°C, unless
otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
2.5
Gbps
fMAX
Maximum Operating Frequency
2.5
3.5
GHz
360
475
640
ps
tpd
Differential Propagation Delay
IN-to-Q
SEL-to-Q
200
600
850
ps
IN-to-Q
300
tpd
Tempco
Differential Propagation Delay
Temperature Coefficient
SEL-to-Q
400
fs/
oC
Output-to-Output Skew
Note 8
5
20
ps
tSKEW
Part-to-Part Skew
Note 9
200
ps
Data
Random Jitter (RJ)
Note 10
1
psRMS
Deterministic Jitter (DJ)
Note 11
10
psPP
Clock
Cycle-to-Cycle Jitter
Note 12
1
psRMS
Total Jitter (TJ)
Note 13
10
psPP
tJITTER
Adjacent Channel Crosstalk-induced Jitter
Note 14
0.7
psRMS
tr, tf
Output Rise/Fall Time (20% to 80%)
At full output swing.
50
110
180
ps
Notes:
7.
High-frequency AC-parameters are guaranteed by design and characterization.
8.
Output-to-output skew is measured between two different outputs under identical input transitions.
9.
Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at
the respective inputs.
10. Random jitter is measured with a K28.7 character pattern, measured at <fMAX.
11. Deterministic jitter is measured at 2.5Gbps with both K28.5 and 2
23–1 PRBS pattern.
12. Cycle-to-cycle jitter definition: the variation of periods between adjacent cycles, Tn – Tn-1 where T is the time between rising edges of the
output signal.
13. Total jitter definition: with an ideal clock input of frequency <fMAX, no more than one output edge in 10
12 output edges will deviate by more
than the specified peak-to-peak jitter value.
14. Crosstalk-induced jitter is defined as the added jitter that results from signals applied to two adjacent channels. It is measured at the output
while applying two similar, differential clock frequencies that are asynchronous with respect to each other at the inputs.
Single-Ended and Differential Swings
Figure 1a. Single-Ended Voltage Swing
Figure 1b. Differential Voltage Swing


Similar Part No. - SY89859UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89859UMY MICREL-SY89859UMY Datasheet
502Kb / 13P
   Precision Low-Power 8:1 MUX with Internal
SY89859UMYTR MICREL-SY89859UMYTR Datasheet
502Kb / 13P
   Precision Low-Power 8:1 MUX with Internal
More results

Similar Description - SY89859UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY89858U MICREL-SY89858U Datasheet
956Kb / 10P
   PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION
SY89858U MICREL-SY89858U_07 Datasheet
510Kb / 10P
   Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
logo
Integrated Device Techn...
8S89202 IDT-8S89202 Datasheet
430Kb / 23P
   Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
logo
Renesas Technology Corp
8S89202 RENESAS-8S89202 Datasheet
625Kb / 24P
   Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
2019
logo
Micrel Semiconductor
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY58037U MICREL-SY58037U_08 Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com