Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ75232GTR-E1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AZ75232GTR-E1
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ75232GTR-E1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ75232GTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ75232GTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ75232GTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ75232GTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ75232GTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ75232GTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ75232GTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ75232GTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ75232GTR-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MULTIPLE RS-232 DRIVERS AND RECEIVERS
AZ75232
Preliminary Datasheet
11
Aug. 2006 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions (Continued)
Unit: mm(inch)
SSOP-20
1.200(0.047)
1.200(0.047)
0.020(0.001)
0.080(0.003)
DEP
SEE DETAIL A
DETAIL A
0.630(0.025)
0.950(0.037)
0.250(0.010)
1.250(0.049)
10 °
14°
R0.150(0.006)
0.324(0.013)
R0.150(0.006)
7.070(0.278)
7.330(0.289)
5.200(0.205)
5.380(0.212)
7.700(0.303)
7.900(0.311)
1.400(0.055)
1.600(0.063)
1.690(0.067) MAX
0.650(0.026)
0.300(0.012)
0.070(0.003)
0.230(0.009)
1.200(0.047)
0.152(0.006)
7 °


Similar Part No. - AZ75232GTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ75232GTR-E1 BCDSEMI-AZ75232GTR-E1 Datasheet
741Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - AZ75232GTR-E1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com