Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7815DTR-E1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AS7815DTR-E1
Description  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS7815DTR-E1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AS7815DTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS7815DTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS7815DTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS7815DTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS7815DTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS7815DTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS7815DTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS7815DTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS7815DTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AS78XX
Data Sheet
6
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
TJ=25
oC
4.9
5
5.1
V
IOUT=5mA to 1A, VIN=7.5V to 20V,
PD≤15W
4.8
5.2
Line Regulation
VRLINE
VIN=7.5V to 20V, IOUT=1A, TJ=25
oC
750
mV
Load Regulation
VRLOAD
VIN=10V, IOUT=5mA to 1A, TJ=25
oC
25
100
mV
Quiescent Current
IQ
VIN=10V, IOUT=0
3.2
6
mA
Quiescent Current Change
∆I
Q
VIN=8V to 25V, IOUT=500mA, TJ=25
oC
0.3
0.8
mA
IOUT=5mA to 1A, TJ=25
oC
0.08
0.5
Ripple Rejection
PSRR
VIN=8V to 18V, f=120Hz, IOUT=500mA
73
dB
Dropout Voltage
VDROP
∆V
OUT=1%, IOUT=1A, TJ=25
oC
2V
Output Noise Voltage
NO
f=10Hz to 100kHz, TA=25
oC
10
µV/V
O
Output Resistance
RO
f=1kHz
10
m
Short Circuit Current
ISC
VIN=35V, TA=25
oC
0.2
A
Peak Output Current
IPK
VIN=10V, TJ=25
oC
2.2
A
Output Voltage
Temperature Coefficient
∆V
OUT/∆T
0.4
mV/oC
(
∆V
OUT/VOUT)/∆T
80
ppm/oC
Electrical Characteristics
AS7805 (VIN=10V, IOUT=1A, TJ=-40 to 125
oC, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
TJ=25
oC
7.84
8
8.16
V
IOUT=5mA to 1A, VIN=10.6V to 23V,
PD≤15W
7.7
8.3
Line Regulation
VRLINE
VIN=10.6V to 23V, IOUT=1A, TJ=25
oC
12
80
mV
Load Regulation
VRLOAD
VIN=14V, IOUT=5mA to 1A, TJ=25
oC
25
100
mV
Quiescent Current
IQ
VIN=14V, IOUT=0
3.2
6
mA
Quiescent Current Change
∆I
Q
VIN=8V to 25V, IOUT=500mA, TJ=25
oC
0.08
0.4
mA
IOUT=5mA to 1A, TJ=25
oC
0.1
0.5
Ripple Rejection
PSRR
VIN=11.5V to 21.5V, f=120Hz,
IOUT=500mA
62
dB
Dropout Voltage
VDROP
∆V
OUT=1%, IOUT=1A, TJ=25
oC
2V
Output Noise Voltage
NO
f=10Hz to 100kHz, TA=25
oC
10
µV/V
O
Output Resistance
RO
f=1kHz
10
m
Short Circuit Current
ISC
VIN=35V, TA=25
oC
0.2
A
Peak Output Current
IPK
VIN=14V, TJ=25
oC
2.2
A
Output Voltage
Temperature Coefficient
∆V
OUT/∆T
0.64
mV/oC
(
∆V
OUT/VOUT)/∆T
80
ppm/oC
AS7808 (VIN=14V, IOUT=1A, TJ=-40 to 125
oC, unless otherwise specified.)


Similar Part No. - AS7815DTR-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS7815DTR-E1 DIODES-AS7815DTR-E1 Datasheet
610Kb / 15P
   1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Mar. 2007 Rev. 1. 4
More results

Similar Description - AS7815DTR-E1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com