Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2202K-2.8TR Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2202K-2.8TR
Description  150mA RF ULDO REGULATOR
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2202K-2.8TR Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2202K-2.8TR Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2202K-2.8TR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2202K-2.8TR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2202K-2.8TR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2202K-2.8TR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2202K-2.8TR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2202K-2.8TR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2202K-2.8TR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2202K-2.8TR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
150mA RF ULDO REGULATOR
AP2202
Data Sheet
4
Mar. 2007 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOT-23-5
-40 to 125oC
AP2202K-ADJTR
AP2202K-ADJTRE1
K2C
E2C
Tape & Reel
AP2202K-2.5TR
AP2202K-2.5TRE1
K2D
E2D
Tape & Reel
AP2202K-2.6TR
AP2202K-2.6TRE1
K2E
E2E
Tape & Reel
AP2202K-2.7TR
AP2202K-2.7TRE1
K2F
E2F
Tape & Reel
AP2202K-2.8TR
AP2202K-2.8TRE1
K2G
E2G
Tape & Reel
AP2202K-2.9TR
AP2202K-2.9TRE1
K2H
E2H
Tape & Reel
AP2202K-3.0TR
AP2202K-3.0TRE1
K2I
E2I
Tape & Reel
AP2202K-3.3TR
AP2202K-3.3TRE1
K2L
E2L
Tape & Reel
AP2202K-4.0TR
AP2202K-4.0TRE1
K2S
E2S
Tape & Reel
SOT-89-3
-40 to 125oC
AP2202R-3.3TR
AP2202R-3.3TRE1
R22B
E22B
Tape & Reel
Ordering Information
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Package
K: SOT-23-5
2.5: Fixed Output 2.5V
E1: Lead Free
Blank: Tin Lead
AP2202
-
TR: Tape and Reel
2.6: Fixed Output 2.6V
2.7: Fixed Output 2.7V
2.8: Fixed Output 2.8V
3.0: Fixed Output 3.0V
3.3: Fixed Output 3.3V
4.0: Fixed Output 4.0V
ADJ: Adjustable Output
2.9: Fixed Output 2.9V
R: SOT-89-3


Similar Part No. - AP2202K-2.8TR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2202K-2.8TR BCDSEMI-AP2202K-2.8TR Datasheet
169Kb / 13P
   150mA RF ULDO REGULATOR
AP2202K-2.8TRE1 BCDSEMI-AP2202K-2.8TRE1 Datasheet
169Kb / 13P
   150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202K-2.8TRE1 DIODES-AP2202K-2.8TRE1 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
AP2202K-2.8TRG1 DIODES-AP2202K-2.8TRG1 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
More results

Similar Description - AP2202K-2.8TR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
   150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com