Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7808D-E1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AS7808D-E1
Description  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS7808D-E1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AS7808D-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS7808D-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS7808D-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS7808D-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS7808D-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS7808D-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS7808D-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS7808D-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS7808D-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AS78XX
Data Sheet
8
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
TJ=25
oC
14.7
15
15.3
V
IOUT=5mA to 1A, VIN=17.9 to 30V,
PD≤15W
14.4
15.6
Line Regulation
VRLINE
VIN=17.9V to 30V, IOUT=1A, TJ=25
oC
18
150
mV
Load Regulation
VRLOAD
VIN=23V, IOUT=5mA to 1A, TJ=25
oC
25
100
mV
Quiescent Current
IQ
VIN=23V, IOUT=0
3.4
6
mA
Quiescent Current Change
∆I
Q
VIN=17.5V to 30V, IOUT=500mA, TJ=25
oC
0.3
0.8
mA
IOUT=5mA to 1A, TJ=25
oC
0.08
0.5
Ripple Rejection
PSRR
VIN=18.5V to 28.5V, f=120Hz,
IOUT=500mA
58
dB
Dropout Voltage
VDROP
∆V
OUT=1%, IOUT=1A, TJ=25
oC
2V
Output Noise Voltage
NO
f=10Hz to 100kHz, TA=25
oC
10
µV/V
O
Output Resistance
RO
f=1kHz
12
m
Short Circuit Current
ISC
VIN=35V, TA=25
oC
0.2
A
Peak Output Current
IPK
VIN=23V, TJ=25
oC
2.2
A
Output Voltage
Temperature Coefficient
∆V
OUT/∆T
1.2
mV/oC
(
∆V
OUT/VOUT)/∆T
80
ppm/oC
Electrical Characteristics (Continued)
AS7815 (VIN=23V, IOUT=1A, TJ=-40 to 125
oC, unless otherwise specified.)


Similar Part No. - AS7808D-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS7808D-E1 DIODES-AS7808D-E1 Datasheet
610Kb / 15P
   1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Mar. 2007 Rev. 1. 4
More results

Similar Description - AS7808D-E1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com