Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5669 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AM5669
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5669 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5669 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Preliminary Datasheet
6
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5669
Electrical Characteristics (Note 4)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent Current
IQC
16
mA
Mute ON Voltage
VSTON
00.5
V
Mute OFF Voltage
VSTOFF
2.0
VCC1
V
Focus Driver
Output Offset Voltage
VOOFFC
-50
50
mV
Maximum Output Voltage
VOMFC
at 10
Ω load
3.0
3.5
V
Closed-loop Voltage Gain
GVFC
VIN=VBIAS ± 0.2V
21.5
23.5
25.5
dB
Tracking Driver
Output Offset Voltage
VOOFTK
-50
50
mV
Maximum Output Voltage
VOMTK
at 10
Ω load
3.0
3.5
V
Closed-loop Voltage Gain
GVTK
VIN=VBIAS±0.2V
21.5
23.5
25.5
dB
Spindle Driver
Output Offset Voltage
VOOFSP
-50
50
mV
Maximum Output Voltage
VOMSP
at 10
Ω load
3.0
3.5
V
Closed-loop Voltage Gain
GVSP
VIN=VBIAS±0.2V
13.5
15.5
17.5
dB
Gain Error by Polarity
∆G
VSP
VIN=VBIAS±0.2V
012
dB
Sled Driver
Output Offset Voltage
VOOFSL
-100
100
mV
Maximum Output Voltage
VOMSL
at 10
Ω load
3.0
3.5
V
Closed-loop Voltage Gain
GVSL
VIN=VBIAS±0.2V
18.0
20.0
22.0
dB
Tray Driver
Output Saturation Voltage 1
VSAT1TR
Upper + Lower saturation,
IL=200mA
0.7
1.3
1.6
V
Output Saturation Voltage
between FWD and REV
∆V
SAT1TR
Output Saturation Voltage 1
between FWD and REV
-0.1
0.1
V
Output Saturation Voltage 2
VSAT2TR
Upper + Lower saturation,
IL=500mA
1.0
2.1
2.5
V
Output Adjustable Gain on
"H" Side Voltage
GVTRH
at 45
Ω load, VCTL=1V
7.4
9.2
11
dB
(TA=25
oC, V
CC1=VCC2=5V, VBIAS=1.65V, RL=10Ω/45Ω, unless otherwise specified.)


Similar Part No. - AM5669

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665M28 BCDSEMI-AM5665M28 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665M28-E1 BCDSEMI-AM5665M28-E1 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results

Similar Description - AM5669

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
   5-channel BTL Driver for DVD player
May 2010 V1.6T
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com