Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89843UMGTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89843UMGTR
Description  Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89843UMGTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89843UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89843UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SY89843U
Precision LVPECL Runt Pulse Eliminator 2:1
MUX with 1:2 Fanout and Internal Termination
Precision Edge is a registered trademark of Micrel, Inc.
MLF and MicroLeadFrame are trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 2005
M9999-031505
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY89843U is a low jitter PECL, 2:1 differential input
multiplexer (MUX) optimized for redundant source
switchover applications. Unlike standard multiplexers,
the SY89843U unique 2:1 Runt Pulse Eliminator (RPE)
MUX prevents any short cycles or “runt” pulses during
switchover. In addition, a unique Fail-Safe Input
protection prevents metastable conditions when the
selected input clock fails to a DC voltage (voltage
between the pins of the differential input drops below
100mV).
The differential input includes Micrel’s unique, 3-pin
input termination architecture that allows customers to
interface to any differential signal (AC- or DC-coupled)
as small as 100mV (200mVPP) without any level shifting
or termination resistor networks in the signal path. The
output is 800mV, 100K compatible LVPECL with fast
rise/fall times guaranteed to be less than 190ps.
The SY89843U operates from a 2.5V ±5% or 3.3V
±10% supply and is guaranteed over the full industrial
temperature range of –40°C to +85°C. The SY89843U is
part of Micrel’s high-speed, Precision Edge
® product
line. All support documentation can be found on Micrel’s
web site at: www.micrel.com.
Precision Edge
®
Features
• Selects between two sources, and provides a glitch-free,
stable LVPECL output
• Guaranteed AC performance over temperature and supply
voltage:
– Wide operating frequency: 1kHz to >1.5GHz
– < 880ps In-to-Out tpd
– < 190ps tr/tf
• Unique patent-pending input isolation design minimizes
crosstalk
• Fail-Safe Input prevents oscillations
• Ultra-low jitter design:
– <1psRMS random jitter
– <1psRMS cycle-to-cycle jitter
– <10psPP total jitter (clock)
– <0.7psRMS MUX crosstalk induced jitter
• Unique patent-pending input termination and VT pin
accepts DC- and AC-coupled inputs (CML, PECL, LVDS)
• 800mV LVPECL output swing
• 2.5V ±5% or 3.3V ±10% supply voltage
• –40°C to +85°C industrial temperature range
• Available in 24-pin (4mm x 4mm) MLF
package
Applications
• Redundant clock switchover
• Failsafe clock protection
Markets
• LAN/WAN
• Enterprise servers
• ATE
• Test and measurement


Similar Part No. - SY89843UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89843UMGTR MICREL-SY89843UMGTR Datasheet
688Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1
More results

Similar Description - SY89843UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89464U MICREL-SY89464U Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89845U MICREL-SY89845U Datasheet
608Kb / 18P
   PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89844U MICREL-SY89844U Datasheet
579Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89465U MICREL-SY89465U Datasheet
2Mb / 19P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89465U MICREL-SY89465U_10 Datasheet
771Kb / 20P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89837U MICREL-SY89837U Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89837U MICREL-SY89837U_10 Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89843U MICREL-SY89843U_10 Datasheet
688Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89840U MICREL-SY89840U_10 Datasheet
616Kb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com