Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89837UMITR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89837UMITR
Description  PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89837UMITR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89837UMITR Datasheet HTML 1Page - Micrel Semiconductor SY89837UMITR Datasheet HTML 2Page - Micrel Semiconductor SY89837UMITR Datasheet HTML 3Page - Micrel Semiconductor SY89837UMITR Datasheet HTML 4Page - Micrel Semiconductor SY89837UMITR Datasheet HTML 5Page - Micrel Semiconductor SY89837UMITR Datasheet HTML 6Page - Micrel Semiconductor SY89837UMITR Datasheet HTML 7Page - Micrel Semiconductor SY89837UMITR Datasheet HTML 8Page - Micrel Semiconductor SY89837UMITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Precision Edge®
SY89837U
Micrel, Inc.
M9999-022007
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
Selects between two clocks, and provides 8
precision, low skew LVPECL output copies
Guaranteed AC performance over temperature and
supply voltage:
Wide operating frequency: 1kHz to >1.5GHz
• <975ps in-to-out tpd
• <180ps tr/tf
• <40ps output-to-output skew
Unique input isolation design minimizes crosstalk
Ultra-low jitter design:
• <1psrms random jitter
• <1psrms cycle-to-cycle jitter
• <10pspp total jitter (clock)
• <0.7psrms MUX crosstalk induced jitter
Unique input termination and VT pin accepts DC- or
AC-coupled inputs (CML, PECL, LVDS)
800mV LVPECL output swing
Power supply +2.5V ±5% or +3.3V ±10%
–40°C to +85°C industrial temperature range
Available in 32-pin (5mm x 5mm) MLF® package
FEATURES
PRECISION 1:8 LVPECL FANOUT
BUFFER WITH 2:1 RUNT PULSE
ELIMINATOR INPUT MUX
Precision Edge®
SY89837U
APPLICATIONS
Redundant clock distribution
Fail-safe clock protection
Rev.: D
Amendment: /0
Issue Date: February 2007
The SY89837U is a low jitter, low skew, high-speed 1:8
fanout buffer with a unique, 2:1 differential input multiplexer
(MUX) optimized for clock redundant switchover applications.
Unlike standard multiplexers, the SY89837U unique 2:1 runt
pulse eliminator (RPE) input MUX prevents any short cycles
or “runt” pulses during switchover. In addition, a unique fail-
safe input protection prevents metastable conditions when
the selected input clock fails to a static DC differential voltage
(differential input voltage drops below 200mV). The
SY89837U distributes clock frequencies from 1kHz to
1.5GHz, guaranteed, over temperature and voltage.
The differential input includes Micrel’s unique, 3-pin input
termination architecture that allows customers to interface
to any differential signal (AC- or DC-coupled) as small as
200mV without any level shifting or termination resistor
networks in the signal path. The outputs are 800mV, 100k
compatible LVPECL with fast rise/fall times guaranteed to
be less than 200ps.
The SY89837U operates from a +2.5V ±5% or
+3.3V ±10% supply and is guaranteed over the full industrial
temperature range of –40°C to +85°C. The SY89837U is
part of Micrel’s high-speed, Precision Edge® product line.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
Precision Edge®


Similar Part No. - SY89837UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89837UMITR MICREL-SY89837UMITR Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
More results

Similar Description - SY89837UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89837U MICREL-SY89837U_10 Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89464U MICREL-SY89464U Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89843U MICREL-SY89843U_10 Datasheet
688Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89840U MICREL-SY89840U_10 Datasheet
616Kb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
SY89840U MICREL-SY89840U Datasheet
1Mb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1 Multiplexer
SY89845U MICREL-SY89845U Datasheet
608Kb / 18P
   PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com