Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89837U Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89837U
Description  PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89837U Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89837U Datasheet HTML 1Page - Micrel Semiconductor SY89837U Datasheet HTML 2Page - Micrel Semiconductor SY89837U Datasheet HTML 3Page - Micrel Semiconductor SY89837U Datasheet HTML 4Page - Micrel Semiconductor SY89837U Datasheet HTML 5Page - Micrel Semiconductor SY89837U Datasheet HTML 6Page - Micrel Semiconductor SY89837U Datasheet HTML 7Page - Micrel Semiconductor SY89837U Datasheet HTML 8Page - Micrel Semiconductor SY89837U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Precision Edge®
SY89837U
Micrel, Inc.
M9999-022007
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Pin Number
Pin Name
Pin Function
1, 3,
IN0, /IN0,
Differential Inputs: These input pairs are the differential signal inputs to the device. These inputs
6, 8
IN1, /IN1
accept AC- or DC-coupled signals as small as 200mV. Each pin of a pair internally terminates to
a VT pin through 50ý. Please refer to the “Input Interface Applications” section for more details.
2, 7
VT0, VT1
Input Termination Center-Tap: Each side of the differential input pair terminates to a VT pin. The
VT0 and VT1 pins provide a center-tap to a termination network for maximum interface flexibility.
See the “Input Interface Applications” section for more details.
31
SEL
This single-ended TTL/CMOS-compatible input selects the inputs to the multiplexer. This input
is internally connected to a 25ký pull-up resistor and will default to a logic HIGH state if left open.
9, 19, 22, 32
VCC
Positive power supply. Bypass with 0.1µF
⎬⎬0.01µF low ESR capacitors as close to the pins as
possible.
30, 28, 26, 24,
Q0 – Q7,
Differential Outputs: These LVPECL output pairs are the outputs of the device. They are a logic
18, 16, 14, 12,
/Q0 – /Q7
function of the IN0, IN1, and SEL inputs. Please refer to the truth table for details. Unused
29, 27, 25, 23,
output pairs may be left open.
17, 15, 13, 11
20,21
GND,
Ground. Ground and exposed pad to be tied together to most negative potential of chip.
Exposed Pad
10
CAP
Power-On Reset (POR) Initialization Capacitor. When using the multiplexer with RPE capability,
this pin is tied to a capacitor to VCC. The purpose is to ensure the internal RPE logic starts up in
a known state. If this pin is tied to VCC, the RPE function will be disabled and the multiplexer will
function as a normal multiplexer. See “Application” section for more details. The CAP pin should
never be left open.
PIN DESCRIPTION
24
23
22
21
20
19
18
17
Q3
/Q3
VCC
GND
GND
VCC
Q4
/Q4
IN0
VT0
/IN0
VREF-AC0
VREF-AC1
IN1
VT1
/IN1
1
2
3
4
5
6
7
8
910 11 12 13 14 15 16
32 31 30 29 28 27 26 25
32-Pin MLF® (MLF-32)
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89837UMI
MLF-32
Industrial
SY89837U
Sn-Pb
SY89837UMITR(2)
MLF-32
Industrial
SY89837U
Sn-Pb
SY89837UMG(3)
MLF-32
Industrial
SY89837U with
Pb-Free
Pb-Free bar-line indicator
NiduAu
SY89837UMGTR(2, 3)
MLF-32
Industrial
SY89837U with
Pb-Free
Pb-Free bar-line indicator
NiduAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.


Similar Part No. - SY89837U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89837UMG MICREL-SY89837UMG Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89837UMGTR MICREL-SY89837UMGTR Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89837UMI MICREL-SY89837UMI Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89837UMITR MICREL-SY89837UMITR Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89837U MICREL-SY89837U_10 Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
More results

Similar Description - SY89837U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89837U MICREL-SY89837U_10 Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89464U MICREL-SY89464U Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89843U MICREL-SY89843U_10 Datasheet
688Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89840U MICREL-SY89840U_10 Datasheet
616Kb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
SY89840U MICREL-SY89840U Datasheet
1Mb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1 Multiplexer
SY89845U MICREL-SY89845U Datasheet
608Kb / 18P
   PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com