Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89826LHI Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89826LHI
Description  3.3V 1GHz PRECISION 1:22 LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89826LHI Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89826LHI Datasheet HTML 1Page - Micrel Semiconductor SY89826LHI Datasheet HTML 2Page - Micrel Semiconductor SY89826LHI Datasheet HTML 3Page - Micrel Semiconductor SY89826LHI Datasheet HTML 4Page - Micrel Semiconductor SY89826LHI Datasheet HTML 5Page - Micrel Semiconductor SY89826LHI Datasheet HTML 6Page - Micrel Semiconductor SY89826LHI Datasheet HTML 7Page - Micrel Semiconductor SY89826LHI Datasheet HTML 8Page - Micrel Semiconductor SY89826LHI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Precision Edge®
SY89826L
Micrel, Inc.
M9999-011907
hbwhelp@micrel.com or (408) 955-1690
VCC = 3.3V ±10%, TA = –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Toggle Frequency
Note 2
1.0
GHz
tPHL
Differential Propagation Delay,
LVPECL Input: 150mV
0.750
1.0
1.250
ns
tPLH
Note 3
LVPECL Input: 800mV
0.6
0.850
1.10
ns
LVDS Input: 100mV
0.950
1.2
1.450
ns
LVDS Input: 400mV
0.800
1.0
1.30
ns
tSWITCHOVER Clock Input Switchover
CLK_SEL-to-Valid Output
1.4
1.7
ns
tS(OE)
Output Enable Set-Up Time
Note 4
1.0
ns
tH(OE)
Output Enable Hold Time
Note 4
0.5
ns
tskew
Within Device Skew
Note 5
0
°C to +85°C25
50
ps
–40
°C75
ps
Part-to-Part Skew
Note 6
400
ps
tJITTER
Cycle-to-Cycle
Note 7
1ps
RMS
Total Jitter
Note 8
<1
2
ps
PP
tr, tf
Output Rise/Fall Times
200
290
400
ps
(20% to 80%)
Note 1.
100
Ω termination between Q and /Q outputs. Airflow ≥300lfpm, or exposed pad soldered to ground plane. Typicals are at nominal supply,
T
A = 25°C.
Note 2.
fMAX is defined as the maximum toggle frequency, measured with a 750mV LVPECL input or 350mV LVDS input. Output swing is ≥ 200mV.
Note 3.
Differential propagation delay is defined as the delay from the crossing point of the differential input signals to the crossing point of the differential
output signals.
Note 4.
Set-up and hold time applies to synchronous applications that intend to enable/disable before the next clock cycle. For asynchronous applications,
set-up and hold time does not apply. OE set-up time is defined with respect to the rising edge of the clock. OE HIGH to LOW transition ensures
outputs remain disabled during the next clock cycle. OE LOW to HIGH transition enables normal operation of the next input clock.
Note 5.
The within-device skew is defined as the worst case difference between any two similar delay paths within a single device with identical input
transition, operating at the same voltage and temperature.
Note 6.
The part-to-part skew is defined as the absolute worst case difference between any two delay paths on any two devices operating at the same voltage
and temperature. Part-to-part skew is the total skew difference; pin-to-pin skew + part-to-part skew.
Note 7.
Cycle-to-cycle jitter definition: The variation in period between adjacent cycles over a random sample of adjacent cycle pairs. T
JITTER_CC =Tn–Tn+1
where T is the time between rising edges of the output signal.
Note 8.
Total jitter definition: with an ideal clock input, no more than one output edge in 1012 output edges will deviate by more than the specified peak-to-
peak jitter value.
AC ELECTRICAL CHARACTERISTICS(1)


Similar Part No. - SY89826LHI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89823L MICREL-SY89823L Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHC MICREL-SY89823LHC Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHC MICREL-SY89823LHC Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHCTR MICREL-SY89823LHCTR Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHCTR MICREL-SY89823LHCTR Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
More results

Similar Description - SY89826LHI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89828L MICREL-SY89828L Datasheet
129Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89828L MICREL-SY89828L_08 Datasheet
163Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834U MICREL-SY89834U_05 Datasheet
114Kb / 10P
   2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89827L MICREL-SY89827L_10 Datasheet
560Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89827L MICREL-SY89827L Datasheet
164Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
   3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
logo
ON Semiconductor
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com