Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89823LHC Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89823LHC
Description  3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89823LHC Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY89823LHC Datasheet HTML 1Page - Micrel Semiconductor SY89823LHC Datasheet HTML 2Page - Micrel Semiconductor SY89823LHC Datasheet HTML 3Page - Micrel Semiconductor SY89823LHC Datasheet HTML 4Page - Micrel Semiconductor SY89823LHC Datasheet HTML 5Page - Micrel Semiconductor SY89823LHC Datasheet HTML 6Page - Micrel Semiconductor SY89823LHC Datasheet HTML 7Page - Micrel Semiconductor SY89823LHC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Precision Edge®
SY89823L
Micrel, Inc.
M9999-011907
hbwhelp@micrel.com or (408) 955-1690
TYPICAL OPERATING CHARACTERISTICS
VCCI = 3.6V, VCCO = 2.0V, TA = 25°C, unless otherwise stated.
TIME (500ps/div)
/Q
Q
500MHz Output
TIME (700ps/div)
/Q
Q
200MHz Output
TIME (500ps/div)
/Q
Q
400MHz Output


Similar Part No. - SY89823LHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89823LHC MICREL-SY89823LHC Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823LHCTR MICREL-SY89823LHCTR Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
More results

Similar Description - SY89823LHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89823L MICREL-SY89823L_08 Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89808L MICREL-SY89808L Datasheet
131Kb / 8P
   3.3V, 500MHz, 1:9 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89827L MICREL-SY89827L_10 Datasheet
560Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89827L MICREL-SY89827L Datasheet
164Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
logo
Cypress Semiconductor
CY2HH8110 CYPRESS-CY2HH8110 Datasheet
95Kb / 7P
   1.5V 1:10 HSTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8524 ICST-ICS8524 Datasheet
318Kb / 6P
   LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS8524 IDT-ICS8524 Datasheet
203Kb / 17P
   LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
8T33FS6111 RENESAS-8T33FS6111 Datasheet
1,014Kb / 29P
   Low Voltage 2.5V/3.3V Differential LVPECL/HSTL Fanout Buffer
12/02/14
MC100ES6210 RENESAS-MC100ES6210 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
logo
Motorola, Inc
MC100ES8111 MOTOROLA-MC100ES8111 Datasheet
174Kb / 12P
   Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com