Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89536LHH Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY89536LHH
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89536LHH Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY89536LHH Datasheet HTML 6Page - Micrel Semiconductor SY89536LHH Datasheet HTML 7Page - Micrel Semiconductor SY89536LHH Datasheet HTML 8Page - Micrel Semiconductor SY89536LHH Datasheet HTML 9Page - Micrel Semiconductor SY89536LHH Datasheet HTML 10Page - Micrel Semiconductor SY89536LHH Datasheet HTML 11Page - Micrel Semiconductor SY89536LHH Datasheet HTML 12Page - Micrel Semiconductor SY89536LHH Datasheet HTML 13Page - Micrel Semiconductor SY89536LHH Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Precision Edge®
SY89536L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
*For VCC_Analog,VCC_TTL, VCC1,
use ferrite bead = 200mA, 0.45
Ω DC,
Murata P/N BLM21A1025
*For VCCOA,B,C use ferrite bead = 3A, 0.025
Ω DC,
Murata, P/N BLM31P005
*Component size: 0805
1
µF
22
µF
0.01
µF
Ferrite Bead*
Power Supply
side
Device
side
VCC
Pins
Figure 2. Power Supply Filtering
Output Logic Characteristics
See
“Output Termination Recommendations” for
illustrations. In cases where single-ended output is desired,
the designer should terminate the unused complimentary
output in the same manner as the normal output that is
being used. Unused output pairs can be left floating.
LVPECL operation:
• Typical voltage swing is 700mV
PP to 800mVPP into
50
Ω.
• Common mode voltage is V
CC–1.3V, typical.
• 100
Ω termination across the output pair is NOT
recommended for LVPECL. See
“Output Termination”
section, Figures 5 to 7.
HSTL operation (Bank B):
• Typical voltage swing is 250mV
PP to 450mVPP into
effective 50
Ω.
Thermal Considerations
This part has an exposed die pad for enhanced heat
dissipation. We strongly recommend soldering the exposed
die pad to a ground plane. Where this is not possible, we
recommend maintaining at least 500lfpm air flow around
the part.
For additional information on exposed-pad characteristics
and implementation details, see Amkor Technology’s web
site, www.amkor.com.
REFCLK Input Interface
The flexible REFCLK inputs are designed to accept any
differential or single-ended input signal within 300mV above
VCC and 300mV below ground.
Do not leave unused REFCLK inputs floating. Tie either
the true or complement inputs to ground, but not both. A
logic zero is achieved by connecting the complement input
to ground with the true input floating. For a TTL input, tie a
resistor between the complement input and ground. See
“Input Interface” section, Figures 4a through 4h.
Input Levels
LVDS, CML and HSTL differential signals may be
connected directly to the REFCLK inputs. Depending on
the actual worst case voltage seen, the minimum input
voltage swing varies.
R2
990
R2
990
R1
825
R1
825
GND
REFCLK
VCC
/REFCLK
Figure 3. Simplified Input Structure


Similar Part No. - SY89536LHH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89536LHC MICREL-SY89536LHC Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536LHC MICREL-SY89536LHC Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536LHCTR MICREL-SY89536LHCTR Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536LHZ MICREL-SY89536LHZ Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536LHZTR MICREL-SY89536LHZTR Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89536LHH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com