Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89540UMITR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89540UMITR
Description  Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89540UMITR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89540UMITR Datasheet HTML 4Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 5Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 6Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 7Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 8Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 9Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 10Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 11Page - Micrel Semiconductor SY89540UMITR Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Micrel, Inc.
SY89540U
April 2005
M9999-042505
hbwhelp@micrel.com or (408) 955-1690
8
Single-Ended and Differential Swing
VIN, VOUT
350mV
(typical)
Figure 1a. Single-Ended Voltage Swing
700mV (typical)
VDIFF_IN, VDIFF_OUT
Figure 1b. Differential Voltage Swing
Timing Diagram
**Invalid and Valid refers to configuration being changed. All outputs with unchanged configuration remain valid.
Output Address
SOUT[1:0]
Input Address
SIN[1:0]
/Q[3:0]
Q[3:0]
LOAD
CONFIG
tPW
tPW
/IN[3:0]
IN[3:0]
tPD
tPD (CONFIG-Q)
ts (LOAD-CONFIG)
ts (SIN-LOAD)
th (LOAD-SIN/SOUT)
ts (SOUT-LOAD)
ts (CONFIG-LOAD)
Valid**
Invalid**
Figure 2. Timing Diagram
Truth Tables
Input Select Address Table
SIN1
SIN0
Input
00
IN0
01
IN1
10
IN2
11
IN3
Output Select Address Table
SOUT1
SOUT0
Output
00
Q0
01
Q1
10
Q2
11
Q3


Similar Part No. - SY89540UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89540UMITR MICREL-SY89540UMITR Datasheet
571Kb / 14P
   Precision Low Jitter 4x4 LVDS Crosspoint
More results

Similar Description - SY89540UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89540U MICREL-SY89540U_10 Datasheet
571Kb / 14P
   Precision Low Jitter 4x4 LVDS Crosspoint
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com