Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89540UMI Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89540UMI
Description  Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89540UMI Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89540UMI Datasheet HTML 1Page - Micrel Semiconductor SY89540UMI Datasheet HTML 2Page - Micrel Semiconductor SY89540UMI Datasheet HTML 3Page - Micrel Semiconductor SY89540UMI Datasheet HTML 4Page - Micrel Semiconductor SY89540UMI Datasheet HTML 5Page - Micrel Semiconductor SY89540UMI Datasheet HTML 6Page - Micrel Semiconductor SY89540UMI Datasheet HTML 7Page - Micrel Semiconductor SY89540UMI Datasheet HTML 8Page - Micrel Semiconductor SY89540UMI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
SY89540U
April 2005
M9999-042505
hbwhelp@micrel.com or (408) 955-1690
3
Ordering Information(1)
Part Number
Package
Type
Temperature
Range
Package Marking
Lead
Finish
SY89540UMI
MLF-44
Industrial
89540U
Sn-Pb
SY89540UMITR(2)
MLF-44
Industrial
89540U
Sn-Pb
SY89540UMG
MLF-44
Industrial
89540U with Pb-Free bar-line indicator
Pb-Free
NiPdAu
SY89540UMGTR(2)
MLF-44
Industrial
89540U with Pb-Free bar-line indicator
Pb-Free
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electrical only.
2. Tape and Reel ordering option.
Pin Configuration
1
2
3
4
5
6
7
8
33
32
31
30
29
28
27
26
12 13 14 15 16 17 18 19
44 43 42 41 40 39 38 37
VREF_AC2
/IN2
VT2
IN2
CONFIG
VCC
LOAD
/IN1
/Q3
Q3
VCC
/Q2
Q2
VCC
/Q1
Q1
9
10
11
25
24
23
20 21 22
35
VT1
IN1
VREF_AC1
VCC
/Q0
Q0
36
34
44-Pin MLF™ (MLF-44)


Similar Part No. - SY89540UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89540UMITR MICREL-SY89540UMITR Datasheet
571Kb / 14P
   Precision Low Jitter 4x4 LVDS Crosspoint
More results

Similar Description - SY89540UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89540U MICREL-SY89540U_10 Datasheet
571Kb / 14P
   Precision Low Jitter 4x4 LVDS Crosspoint
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com