Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89533L Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY89533L
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89533L Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY89533L Datasheet HTML 7Page - Micrel Semiconductor SY89533L Datasheet HTML 8Page - Micrel Semiconductor SY89533L Datasheet HTML 9Page - Micrel Semiconductor SY89533L Datasheet HTML 10Page - Micrel Semiconductor SY89533L Datasheet HTML 11Page - Micrel Semiconductor SY89533L Datasheet HTML 12Page - Micrel Semiconductor SY89533L Datasheet HTML 13Page - Micrel Semiconductor SY89533L Datasheet HTML 14Page - Micrel Semiconductor SY89533L Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Precision Edge®
SY89536L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
PSEL1 (MSB)
PSEL0
Reference Input Frequency
0
0
REFCLK
÷ 8
0
1
REFCLK
÷ 4
1
0
REFCLK
÷ 2
1
1
REFCLK
÷ 1
PRE-DIVIDE FREQUENCY SELECT TABLE (PSEL)
FSEL_A2(1) (MSB)
FSEL_A1(1)
FSEL_A0(1) (LSB)
Output Divider
0
0
0
Output Disable Function, all outputs: Q = LOW, /Q = HIGH
0
0
1
VCO
÷ 2
0
1
0
VCO
÷ 4
0
1
1
VCO
÷ 6
1
0
0
VCO
÷ 8
1
0
1
VCO
÷ 10
1
1
0
VCO
÷ 12
1
1
1
VCO
÷ 18
Note 1. Same dividers apply to FSEL_B (0:2) and FSEL_C (0:2).
POST-DIVIDE FREQUENCY SELECT TABLE (FSEL)


Similar Part No. - SY89533L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89533L MICREL-SY89533L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89533L MICREL-SY89533L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89533L MICREL-SY89533L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89533LHC MICREL-SY89533LHC Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89533LHC MICREL-SY89533LHC Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89533L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com