Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89532LHCTR Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY89532LHCTR
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89532LHCTR Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY89532LHCTR Datasheet HTML 7Page - Micrel Semiconductor SY89532LHCTR Datasheet HTML 8Page - Micrel Semiconductor SY89532LHCTR Datasheet HTML 9Page - Micrel Semiconductor SY89532LHCTR Datasheet HTML 10Page - Micrel Semiconductor SY89532LHCTR Datasheet HTML 11Page - Micrel Semiconductor SY89532LHCTR Datasheet HTML 12Page - Micrel Semiconductor SY89532LHCTR Datasheet HTML 13Page - Micrel Semiconductor SY89532LHCTR Datasheet HTML 14Page - Micrel Semiconductor SY89532LHCTR Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Precision Edge®
SY89532/33L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
Rate
FSEL
MSEL
XTAL
Protocol
(MHz)
(Post Divider)
(Feedback Div.)
(MHz)
FOUT
PCI
33
18
36
16.67
33
Fast Ethernet
100
6
40
15
100
1/8 FC
133
6
52
15.36
133
ESCON
200
4
50
16
200
SUGGESTED SELECTIONS FOR SPECIFIC CUSTOMER APPLICATIONS
Notes:
1. 600MHz < (XTAL x MSEL) < 1000MHz.
2. Where two settings provide the user with the identical desired frequency, the setting with the higher input reference frequency (and lower feedback
divider) will usually have lower output jitter. However, the reference input frequency, as well as the VCO frequency, must be kept within their
respective ranges.
M3
M2
M1
M0
VCO Frequency(1)
0
0
0
0
Ref x 34
0
0
0
1
Ref x 36
0
0
1
0
Ref x 38
0
0
1
1
Ref x 40
0
1
0
0
Ref x 42
0
1
0
1
Ref x 44
0
1
1
0
Ref x 48
0
1
1
1
Ref x 50
1
0
0
0
Ref x 52
1
0
0
1
Ref x 54
1
0
1
0
Ref x 56
1
0
1
1
Ref x 60
1
1
1
0
Ref x 70
1
1
1
1
Ref x 72
FEEDBACK DIVIDE SELECT TABLE (MSEL)
Note:
1. Ref = Crystal Frequency.
FOUT = (XTAL x MSEL)
FSEL


Similar Part No. - SY89532LHCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89532LHCTR MICREL-SY89532LHCTR Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89532LHCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
SY89537L MICREL-SY89537L Datasheet
826Kb / 19P
   3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com