Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89532L Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89532L
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89532L Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89532L Datasheet HTML 1Page - Micrel Semiconductor SY89532L Datasheet HTML 2Page - Micrel Semiconductor SY89532L Datasheet HTML 3Page - Micrel Semiconductor SY89532L Datasheet HTML 4Page - Micrel Semiconductor SY89532L Datasheet HTML 5Page - Micrel Semiconductor SY89532L Datasheet HTML 6Page - Micrel Semiconductor SY89532L Datasheet HTML 7Page - Micrel Semiconductor SY89532L Datasheet HTML 8Page - Micrel Semiconductor SY89532L Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Precision Edge®
SY89536L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
DC ELECTRICAL CHARACTERISTICS
LVCMOS/LVTTL Input Control Logic (V
CCA, VCC_LOGIC, VCCOA/C pins = +3.3V ±10%)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
2.0
——
V
V
IL
Input LOW Voltage
——
0.8
V
I
IH
Input HIGH Current
——
150
µA
I
IL
Input LOW Current
——
–300
µA
REFCLK (Pins 10, 11) INPUT (All V
CC pins except VCCOB = +3.3V ±10%, VCCOB = +1.8V ±10%)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
ID
Differential Input Voltage
100
——
mV
V
IH
Input HIGH Voltage
——
V
CC +0.3
V
V
IL
Input LOW Voltage
–0.3
V
100k LVPECL Outputs (All V
CC pins except VCCOB = +3.3V ±10%, VCCOB = +1.8V ±10%)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OH
Output HIGH Voltage
Note 6
V
CC–1.145 VCC–1.020 VCC–0.895
V
V
OL
Output LOW Voltage
Note 6
V
CC–1.945 VCC–1.820 VCC –1.695
V
V
ID
Differential Input Voltage
Note 7
100
——
mV
200
——
mV
V
IH
Input HIGH Voltage
Note 7
——
V
CC +0.3
V
V
IL
Input LOW Voltage
Note 7
–0.3
V
I
IH
Input HIGH Current
–600
—–300
µA
I
IL
Input LOW Current
–1200
—–700
µA
V
BB
Output Reference Voltage
V
CC–1.325 VCC–1.425 VCC–1.525
V
HSTL Outputs (Bank B QB0:8) (All V
CC pins except VCCOB = +3.3V ±10%, VCCOB = +1.8V ±10%)
(Note 8)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OUT
Output Voltage Swing
800
mV
V
OH
Output HIGH Voltage
1.0
1.2
V
V
OL
Output LOW Voltage
0.2
0.4
V
Note 6.
50
Ω to V
CC –2V. Banks A, B, and C enabled.
Note 7.
V
CC = 3.0V to 3.6V.


Similar Part No. - SY89532L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89532L MICREL-SY89532L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532LHC MICREL-SY89532LHC Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532LHC MICREL-SY89532LHC Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89532L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com