Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89533L Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89533L
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89533L Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89533L Datasheet HTML 5Page - Micrel Semiconductor SY89533L Datasheet HTML 6Page - Micrel Semiconductor SY89533L Datasheet HTML 7Page - Micrel Semiconductor SY89533L Datasheet HTML 8Page - Micrel Semiconductor SY89533L Datasheet HTML 9Page - Micrel Semiconductor SY89533L Datasheet HTML 10Page - Micrel Semiconductor SY89533L Datasheet HTML 11Page - Micrel Semiconductor SY89533L Datasheet HTML 12Page - Micrel Semiconductor SY89533L Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Precision Edge®
SY89534/35L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
REFCLK Input Interface
The flexible REFCLK inputs are designed to accept any
differential to single-ended input signal within 300mV above
VCC and 300mV below ground.
Do not leave unused REFCLK inputs floating. Tie either the
true or complement inputs to ground, but not both. A logic zero
is achieved by connecting the complement input to ground
with the true input floating. For a TTL input, tie a 2.5k
Ω resistor
between the complement input and ground. See “Input
Interface” section, Figures 4a through 4j.
Input Levels
LVDS, CML and HSTL differential signals may be connected
directly to the REFCLK inputs. Depending on the actual worst
case voltage seen, the minimum input voltage swing varies as
illustrated in the following table:
Input Voltage Range
Minimum Voltage Swing
0 to 2.4V
100mV
0 to VCC +0.3
200mV
R2
1.5k
R2
1.5k
R1
1.05k
R1
1.05k
GND
REFCLK
VCC
/REFCLK
Figure 3. Simplified Input Structure
Output Logic Characteristics
See
“Output Termination Recommendations” for
illustrations. In cases where single-ended output is desired,
the designer should terminate the unused complimentary
output in the same manner as the normal output that is being
used. Unused LVPECL output pairs can be left floating.
Unused LVDS output pairs should be terminated
w/100
Ω across the pair.
LVPECL operation:
• Typical voltage swing is 700mV
PP to 800mVPP into
50
Ω.
• Common mode voltage is V
CC–1.3V, typical.
• 100
Ω termination across the output pair is NOT
recommended for LVPECL. See
“Output Termination”
section, Figures 3 to 5.
LVDS operation (SY89535L, Bank B)
• Typical voltage swing is 250mV
PP to 450mVPP into
effective 50
Ω.
• Common mode voltage is 1.25V, typical.
• 100
Ω termination across differential output pair is
fine.
Thermal Considerations
This part has an exposed die pad for enhanced heat
dissipation. We strongly recommend soldering the exposed
die pad to a ground plane. Where this is not possible, we
recommend maintaining at least 500lfpm air flow around the
part.


Similar Part No. - SY89533L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89533L MICREL-SY89533L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89533L MICREL-SY89533L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89533L MICREL-SY89533L Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89533LHC MICREL-SY89533LHC Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89533LHC MICREL-SY89533LHC Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89533L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
SY89537L MICREL-SY89537L Datasheet
826Kb / 19P
   3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com