Electronic Components Datasheet Search |
|
R-625.0P Datasheet(PDF) 2 Page - Recom International Power |
|
R-625.0P Datasheet(HTML) 2 Page - Recom International Power |
2 / 4 page Characteristics Conditions Min. Typ. Max. Load Regulation (10 to 100% full load) R-61xxP/D 0.5% R-62xxP/D 1.0% Vo Ripple & Noise R-61xxP/D 40mVpp 100mVpp R-62xxP/D 40mVpp 120mVpp Transient Response (see note 1) 50% Load Change 100us 200us Vout Over / Undershoot 5% Remote ON / OFF (see note 2) Open or high (Power ON) 2.0V 10V (positive logic) Low (Power OFF) 0.8V Remote Off Input Current Remote ON/OFF low level 100µA Switching Frequency 200kHz 250kHz 300kHz Quiescent Current Vin = min. to max. at 0% load 6mA 10mA Operating Temperature Range -40°C +85°C Storage Temperature Range -40°C +125°C internal Power Dissipation Io x Vo x (1-Efficiency) 1.0W MTBF (Nominal Vout, 100% load) Tamb. = +25°C 563 x 10³ hours Tamb. = +71°C 117 x 10³ hours R-6xxxP_D Series Specifications (refer to the standard application circuit, Ta: 25°C) Output Current vs Input Voltage Standard Application Circuit Notes: INNOLINE DC/DC-Converter Vout Com Vin TTL Com 2, 3, 4 9, 10, 11 R-61XX R-62XX R1 (Adjust down) R2 (Adjust up) 12 5, 6, 7,8 1µF (Optional) 1 C1 OFF ON Q1 C2 100µF/10V (REQ`D) 2 1 14 9.0 28 Input Voltage (V) 0 1.2A R-61XX 24 32 Max output current calculation: Internal power dissipation (1W) = Io x Vo x (1-Efficiency) Io = 1(W) / Vo x (1-Efficiency) Example : R-6212P at Vin = 28VDC Efficiency = 94% (see ”Selection Guide” table) Vo = 12VDC Io = 1W / 12V x (1-0.94) = 1.388A = 1.5A at Vin = 14VDC Efficiency = 96% (see ”Selection Guide” table) Vo = 12Vdc Io = 1W / 12V x (1-0.96) = 2.08A (spec. = 2A max.) 90 60 20 40 1.5 1 0.5 Internal Power Dissipation (W) 0 80 85 0.7 1. Requires a 100µF electrolytic or tantalum output capacitor for proper operation in all applications (the capacitor to be placed as close as possible to the output pins). 2. ON / OFF pin can be driven by TTL (logic gate), open-collector bipolar transistor or open-drain MOSFET. 3. Output Current vs. Input Voltage (see graph below). Add a blocking diode to Vout if current can flow backwards into the out- put, as this can damage the converter.. 27-March-2007 www.recom-international.com 162 |
Similar Part No. - R-625.0P |
|
Similar Description - R-625.0P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |