Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89465UMGTR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89465UMGTR
Description  Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89465UMGTR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89465UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89465UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89465UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89465UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89465UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89465UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY89465UMGTR Datasheet HTML 10Page - Micrel Semiconductor SY89465UMGTR Datasheet HTML 11Page - Micrel Semiconductor SY89465UMGTR Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Micrel, Inc.
SY89465U
December 2005
M9999-120105-A
hbwhelp@micrel.com or (408) 955-1690
8
Functional Description
RPE MUX and Fail-Safe Input
The SY89465U is optimized for clock switchover
applications where switching from one clock to
another clock without runt pulses (short cycles) is
required. It features two unique circuits:
Runt-Pulse Eliminator (RPE) Circuit
The RPE MUX provides a “glitchless” switchover
between two clocks and prevents any runt pulses
from occurring during the switchover transition. The
design of both clock inputs is identical (i.e., the
switchover sequence and protection is symmetrical
for both input pairs, IN0 or IN1. Thus, either input
pair may be defined as the primary input). If not
required, the RPE function can be permanently
disabled to allow the switchover between inputs to
occur immediately. If the CAP pin is tied directly to
VCC, the RPE function will be disabled and the
multiplexer will function as a normal multiplexer.
Fail-Safe Input (FSI) Circuit
The FSI function provides protection against a
selected input pair that drops below the minimum
amplitude requirement. If the selected input pair
drops sufficiently below the 100mV minimum single-
ended input amplitude limit (VIN), or 200mV
differentially (VDIFF_IN), the output will latch to the last
valid clock state.
RPE and FSI Functionality
The basic operation of the RPE MUX and FSI
functionality is described with the following four case
descriptions. All descriptions are related to the true
inputs and outputs. The primary (or selected) clock
is called CLK1; the secondary (or alternate) clock is
called CLK2. Due to the totally asynchronous
relation of the IN and SEL signals and an additional
internal protection against metastability, the number
of pulses required for the operations described in
cases 1-4 can vary within certain limits. Refer to
“Timing Diagrams” section for detailed information.
Case #1: Two Normal Clocks and RPE Enabled
In this case, the frequency difference between the
two running clocks, IN0 and IN1, must not be greater
than 1.5:1. For example, if the IN0 clock is 500MHz,
the IN1 clock must be within the range of 334MHz to
750MHz.
If the SEL input changes state to select the alternate
clock, the switchover from CLK1 to CLK2 will occur
in three stages.
• Stage 1: The output will continue to follow CLK1
for a limited number of pulses.
• Stage 2: The output will remain LOW for a
limited number of pulses of CLK2.
• Stage 3: The output follows CLK2.
Timing Diagram 1


Similar Part No. - SY89465UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89465UMY MICREL-SY89465UMY Datasheet
771Kb / 20P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89465UMYTR MICREL-SY89465UMYTR Datasheet
771Kb / 20P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
More results

Similar Description - SY89465UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89465U MICREL-SY89465U_10 Datasheet
771Kb / 20P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89844U MICREL-SY89844U Datasheet
579Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89464U MICREL-SY89464U Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89845U MICREL-SY89845U Datasheet
608Kb / 18P
   PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89844U MICREL-SY89844U_10 Datasheet
596Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89837U MICREL-SY89837U Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com