Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89429VZC Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89429VZC
Description  5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89429VZC Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89429VZC Datasheet HTML 1Page - Micrel Semiconductor SY89429VZC Datasheet HTML 2Page - Micrel Semiconductor SY89429VZC Datasheet HTML 3Page - Micrel Semiconductor SY89429VZC Datasheet HTML 4Page - Micrel Semiconductor SY89429VZC Datasheet HTML 5Page - Micrel Semiconductor SY89429VZC Datasheet HTML 6Page - Micrel Semiconductor SY89429VZC Datasheet HTML 7Page - Micrel Semiconductor SY89429VZC Datasheet HTML 8Page - Micrel Semiconductor SY89429VZC Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Precision Edge®
SY89429V
Micrel, Inc.
M9999-011106
hbwhelp@micrel.com or (408) 955-1690
WITH 16MHZ INPUT
VCO Frequency
256
128
64
32
16
8421
(MHz)
M Count
M8
M7
M6
M5
M4
M3
M2
M1
M0
400
200
011001000
402
201
011001001
404
202
011001010
406
203
011001011
••
•••••••••
••
•••••••••
••
•••••••••
794
397
110001101
796
398
110001110
798
399
110001111
800
400
110010000
The internal oscillator uses the external quartz crystal as the
basis of its frequency reference. The output of the reference
oscillator is divided by eight before being sent to the phase
detector. With a 16MHz crystal, this provides a reference frequency
of 2MHz.
The VCO, within the PLL, operates over a range of 400–
800MHz. Its output is scaled by a divider that is configured by
either the serial or parallel interfaces. The output of this loop
divider is also applied to the phase detector.
The phase detector and loop filter force the VCO output
frequency to be M times the reference frequency by adjusting the
VCO control voltage. Note that for some values of M (either too
high or too low) the PLL will not achieve loop lock. External loop
filter components are utilized to allow for optimal phase jitter
performance.
The output of the VCO is also passed through an output
divider before being sent to the PECL output driver. The output
divider is configured through either the serial or the parallel
interfaces and can provide one of four divider ratios (2, 4, 8 or 16).
This divider extends the performance of the part while providing
a 50% duty cycle.
The output driver is driven differentially from the output divider
and is capable of driving a pair of transmission lines terminated
FUNCTIONAL DESCRIPTION
in 50Ω to VCC –2 volts. The positive reference for the output driver
is provided by a dedicated power pin (VCC_OUT) to reduce noise
induced jitter.
The configuration logic has two sections: serial and parallel.
The parallel interface uses the values at the M[8:0] and N[1:0]
inputs to configure the internal counters. Normally, upon
system reset, the /P_LOAD input is held LOW until some time
after power becomes valid. With S_LOAD held LOW, on the
LOW-to-HIGH transition of /P_LOAD, the parallel inputs are
captured. The parallel interface has priority over the serial
interface. Internal pull-up resistors are provided on the M[8:0]
and N[1:0] inputs to reduce component count.
The serial interface logic is implemented with a 14-bit shift
register scheme. The register shifts once per rising edge of the
S_CLOCK input. The serial input S_DATA must meet set-up and
hold timing as specified in the AC parameters section of this data-
sheet. With /P_LOAD held HIGH, the configuration latches will
capture the value in the shift register on the HIGH-to-LOW edge
of the S_LOAD input. See the programming section for more
information.
The TEST output reflects various internal node values and is
controlled by the T[2:0] bits in the serial data stream. See the
programming subsection of this data sheet for more information.


Similar Part No. - SY89429VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89429VZC MICREL-SY89429VZC Datasheet
138Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429VZCTR MICREL-SY89429VZCTR Datasheet
138Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
More results

Similar Description - SY89429VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429A MICREL-SY89429A Datasheet
140Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429A MICREL-SY89429A_09 Datasheet
540Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
SY89430V MICREL-SY89430V Datasheet
139Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SY89430V MICREL-SY89430V_06 Datasheet
544Kb / 11P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (50MHz to 950MHz)
SY89424V MICREL-SY89424V Datasheet
75Kb / 5P
   5V/3.3V FREQUENCY SYNTHESIZER 60MHz to 1GHz
logo
Renesas Technology Corp
ICS843801I-24 RENESAS-ICS843801I-24 Datasheet
849Kb / 18P
   FemtoClock® Crystal-to-3.3V, 2.5V LVPECL 400MHz Frequency Synthesizer
2001
logo
Integrated Device Techn...
ICS844801I-24 IDT-ICS844801I-24 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS 400MHZ FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843004-02 ICST-ICS843004-02 Datasheet
183Kb / 12P
   CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843S1066D IDT-843S1066D Datasheet
321Kb / 15P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com