Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R-78B12-1.0 Datasheet(PDF) 4 Page - Recom International Power

Part # R-78B12-1.0
Description  1.0 AMP SIP3 Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78B12-1.0 Datasheet(HTML) 4 Page - Recom International Power

  R-78B12-1.0 Datasheet HTML 1Page - Recom International Power R-78B12-1.0 Datasheet HTML 2Page - Recom International Power R-78B12-1.0 Datasheet HTML 3Page - Recom International Power R-78B12-1.0 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2.54
2.54
Top View
Bottom View
8.50
2.0
0.25
5.08
3.21
2
13
4.10
0.51 typ.
0.7 typ.
17.5
RECOM
R-78B5.0-1.0
****
Pb
1.00ø+0.15/–0
11.50
RECOM
R-78B5.0-1.0
****
Pb
8.50
4.10
1.50 max
Application Examples
INNOLINE
DC/DC-Converter
Package Style and Pinning (mm)
3rd angle
projection
SIP3 PIN Package
+Vin
-Vin
R-78B5.0-1.0
-12V@84mA
+12V@84mA
0V Com
C1
C2
RD-0512D
- +/-12V outputs for analogue circuits, e.g. instrumentation amplifier
- Wide input range 6.5V to 34V
C1: optional, C2: required (further
decoupling filtering may be necessary
between the two converters)
+5V@0.4A
- +5V output for digital circuits
+Vin
-Vin
R-78B5.0-1.0
+5V@1A
C1
C2
REC10-4812SRWZ/H
- Improved loading / line regulation
- Wide Input Voltage Range - 18~75V
C2,C3 : optional
- Point-of-Load Architecture
- High isolation voltage - 1.6kV
R-78B3.3-1.0
0V
+3.3V@1A
C3
+12V@0.1A
- C1 is required. Further decoupling filtering
may be necessary between the converters
R-78Bxx-1.0
(L) Series
High efficiency multiple output
Isolated, wide Input range, Distributed Power Architecture (Point of Load)
Pin Connections
Pin #
1
+Vin
2
GND
3
+Vout
xx.x ±0.5mm
xx.xx ±0.25mm
Recommended Footprint Details
13-February-2007
www.recom-international.com
4
L - Version


Similar Part No. - R-78B12-1.0

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78B12-1.0 RECOM-R-78B12-1.0 Datasheet
123Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B12-1.0 RECOM-R-78B12-1.0 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
More results

Similar Description - R-78B12-1.0

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
   1.0 AMP SIP3 Single Output
R-78C-1.0 RECOM-R-78C-1.0 Datasheet
96Kb / 2P
   1.0 AMP SIP3 Single Output
R-78E-1.0 RECOM-R-78E-1.0 Datasheet
311Kb / 3P
   1.0 AMP SIP3 Single Output
R-78K-1.0 RECOM-R-78K-1.0 Datasheet
1Mb / 8P
   1.0 Amp SIP3 Single Output
REV.: 0/2023
R-78B-1.0 RECOM-R-78B-1.0 Datasheet
123Kb / 4P
   1.0 AMP SIP3 Single Output
R-781.8-1.0 RECOM-R-781.8-1.0 Datasheet
101Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B-1.0 RECOM-R-78B-1.0_15 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com