Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89295U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89295U
Description  2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89295U Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89295U_06 Datasheet HTML 1Page - Micrel Semiconductor SY89295U_06 Datasheet HTML 2Page - Micrel Semiconductor SY89295U_06 Datasheet HTML 3Page - Micrel Semiconductor SY89295U_06 Datasheet HTML 4Page - Micrel Semiconductor SY89295U_06 Datasheet HTML 5Page - Micrel Semiconductor SY89295U_06 Datasheet HTML 6Page - Micrel Semiconductor SY89295U_06 Datasheet HTML 7Page - Micrel Semiconductor SY89295U_06 Datasheet HTML 8Page - Micrel Semiconductor SY89295U_06 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Precision Edge®
SY89295U
Micrel, Inc.
M9999-011806
hbwhelp@micrel.com or (408) 955-1690
Pin Number
Pin Name
Pin Function
23, 25, 26, 27, 29,
D[9:0]
CMOS, ECL, or TTL Control Bits: These control signals adjust the delay from IN to Q.
30, 31, 32, 1, 2
See “AC Electrical Characteristics” for delay values. In addition, see “Interface Applications”
section which illustrates the proper interfacing techniques for different logic standards.
D[9:0] contains pull-downs and defaults LOW when left floating. D0 (LSB), and D9 (MSB).
See “Typical Operating Characteristics” for delay information.
3
D10
CMOS, ECL, or TTL Control Bit: This bit is used to cascade devices for an extended delay
range. In addition, it drives CASCADE, and /CASCADE. Further, D[10] contains a pull-
down and defaults LOW when left floating.
4, 5
IN, /IN
LVPECL/ECL Signal Input: Input signal to be delayed. IN contains a 75k
Ω pull-down and
will default to a logic LOW if left floating.
6
VBB(1)
Reference Voltage Output: When using a single-ended input signal source to IN or /IN,
connect the unused input of the differential pair to this pin. This pin can also be used to
rebias AC-coupled inputs to IN and /IN. When used, de-couple to VCC using a 0.01µF
capacitor, otherwise leave floating if not used. Maximum sink/source is
±0.5mA.
7
VEF
Reference Voltage Output: Connect this pin to VCF when D[9:0], and D[10] is ECL.
8
VCF
Reference Voltage Input: The voltage driven on VCF sets the logic transition threshold for
D[9:0], and D[10].
9, 24, 28
GND,
Negative Supply: For MLF™ package, exposed pad must be connected to a ground plane
Exposed Pad(2)
that is the same potential as the ground pin.
10
LEN
ECL Control Input: When HIGH latches the D[9:0] and D[10] bits. When LOW, the D[9:0]
and D[10] latches are transparent.
11
SETMIN
ECL Control Input: When HIGH, D[9:0] registers are reset. When LOW, the delay is set
by SETMAX or D[9:0] and D[10]. SETMIN contains a pull-down and defaults LOW when
left floating.
12
SETMAX
ECL Control Input: When SETMAX is set HIGH and SETMIN is set LOW, D[9:0] =
1111111111. When SETMAX is LOW, the delay is set by SETMIN or D[9:0] and
D[10]. SETMAX contains a pull-down and defaults LOW when left floating.
13, 18, 19, 22
VCC
Positive Power Supply: Bypass with 0.1
µF and 0.01µF low ESR capacitors.
14, 15
/Cascade,
LVPECL Differential Output: The outputs are used when cascading two or more
Cascade
SY89295U to extend the delay range.
16
/EN
LVPECL Single-Ended Control Input: When LOW, Q is delayed from IN. When HIGH,
Q is a differential LOW. /EN contains a pull-down and defaults LOW when left floating.
20, 21
/Q, Q
LVPECL Differential Output: Q is a delayed version of IN. Always terminate the
output with 50
Ω to V
CC – 2V. See “Output Interface Applications” section.
17
NC
No Connect.
Notes:
1. Single-ended operation is only functional at 3.3V.
2. MLF™ package only.
PIN DESCRIPTION
Logic Standard
VCF Connects to
LVPECL
VEF,(1)
CMOS
No Connect
TTL
1.5V Source


Similar Part No. - SY89295U_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89295UMG MICREL-SY89295UMG Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
SY89295UMGTR MICREL-SY89295UMGTR Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
SY89295UMI MICREL-SY89295UMI Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
SY89295UMITR MICREL-SY89295UMITR Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
SY89295UMITR MICREL-SY89295UMITR Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
More results

Similar Description - SY89295U_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89296U MICREL-SY89296U_11 Datasheet
468Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL Programmable Delay
SY89295U MICREL-SY89295U_11 Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
SY89296U MICREL-SY89296U Datasheet
618Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
SY89295U MICREL-SY89295U Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
SY100E222L MICREL-SY100E222L_11 Datasheet
92Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK
logo
ON Semiconductor
NB6L295MNGEVB ONSEMI-NB6L295MNGEVB Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
NB6L295 ONSEMI-NB6L295 Datasheet
196Kb / 14P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
January, 2010 ??Rev. 3
NB6L295 ONSEMI-NB6L295_12 Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
logo
Integrated Device Techn...
83PN15639 IDT-83PN15639 Datasheet
343Kb / 21P
   Programmable FemtoClock NG 3.3V, 2.5V LVPECL Oscillator Replacement
logo
Pericom Semiconductor C...
NX502 PERICOM-NX502 Datasheet
834Kb / 2P
   2.5V/3.3V LVPECL XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com