Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89250VMI Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89250VMI
Description  ENHANCED DIFFERENTIAL RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89250VMI Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89250VMI Datasheet HTML 1Page - Micrel Semiconductor SY89250VMI Datasheet HTML 2Page - Micrel Semiconductor SY89250VMI Datasheet HTML 3Page - Micrel Semiconductor SY89250VMI Datasheet HTML 4Page - Micrel Semiconductor SY89250VMI Datasheet HTML 5Page - Micrel Semiconductor SY89250VMI Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Precision Edge®
SY89250V
Micrel, Inc.
M9999-052505
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
/Q
D
VBB
/EN
VCC
QHG
/QHG
VEE
1
2
3
4
8
7
6
5
8-Pin MLF™
(Ultra-Small Outline)
/EN
Q
HG Output
0
Data
1
Logic Low
TRUTH TABLE
PIN DESCRIPTION
Pin Number
Pin Name
Type
Pin Function
1
/Q
100k
Single-Ended PECL/ECL Feedback Output.
2
D
100k
Single-Ended PECL/ECL Input: The signal input includes an internal 75k
pull-down ECL Input resistor. If input is left open, Q output will default to
LOW. See “Input Interface Applications” section for single-ended inputs.
3
VBB
Reference
Bias Voltage: V
CC–1.3V. Used as reference voltage when AC-coupling to
Output Voltage
the D input. Max sink/source is
±0.5mA.
4
/EN
Enable Input
/EN Input which is synchronized with data input (D) signal in a way that
provides glitchless gating of Q
HG and /QHG outputs. Includes internal 75kΩ
pull-down resistor. Default is LOW
5
VEE,
Negative
Negative Power Supply: VEE and exposed pad must be tied to most
Exposed Pad
Power Supply
negative supply. For PECL/LVPECL connect to ground.
6, 7
/QHG, QHG
100k
Differential PECL/ECL Output: Defaults to LOW if D inputs left open.
ECL Output
See “Output Interface Applications” section for recommendations on
terminations.
8
VCC
Positive
Positive Power Supply: Bypass with 0.1
µF//0.01µF low ESR capacitors.
Power Supply
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89250VMI
MLF-8
Industrial
250
Sn-Pb
SY89250VMITR(2)
MLF-8
Industrial
250
Sn-Pb
SY89250VMG
MLF-8
Industrial
250 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY89250VMGTR(2)
MLF-8
Industrial
250 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.


Similar Part No. - SY89250VMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89251V MICREL-SY89251V Datasheet
194Kb / 7P
   Enhanced Differential Receiver
SY89251VMG MICREL-SY89251VMG Datasheet
194Kb / 7P
   Enhanced Differential Receiver
SY89251VMGTR MICREL-SY89251VMGTR Datasheet
194Kb / 7P
   Enhanced Differential Receiver
SY89251VMI MICREL-SY89251VMI Datasheet
194Kb / 7P
   Enhanced Differential Receiver
SY89251VMITR MICREL-SY89251VMITR Datasheet
194Kb / 7P
   Enhanced Differential Receiver
More results

Similar Description - SY89250VMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89251V MICREL-SY89251V Datasheet
194Kb / 7P
   Enhanced Differential Receiver
SY10EL16VA MICREL-SY10EL16VA Datasheet
158Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
SY10EL16VA-VF MICREL-SY10EL16VA-VF Datasheet
147Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
DS34LV86T NSC-DS34LV86T Datasheet
192Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT NSC-DS26LV32AT Datasheet
167Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
logo
Texas Instruments
DS26LV32AW-QML TI-DS26LV32AW-QML Datasheet
136Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AQML TI1-DS26LV32AQML Datasheet
493Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATM TI-DS26LV32ATM Datasheet
893Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT TI1-DS26LV32AT_15 Datasheet
913Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATMX TI1-DS26LV32ATMX Datasheet
912Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com