Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89223L Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89223L
Description  3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89223L Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89223L Datasheet HTML 1Page - Micrel Semiconductor SY89223L Datasheet HTML 2Page - Micrel Semiconductor SY89223L Datasheet HTML 3Page - Micrel Semiconductor SY89223L Datasheet HTML 4Page - Micrel Semiconductor SY89223L Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Precision Edge®
SY89223L
Micrel, Inc.
M9999-051805
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s f
MAX >160MHz
s 3.3V
±10% power supply
s <2.5ns propagation delay
s <300ps within-device skew
s Differential LVPECL inputs
s 24mA LVTTL outputs
s Industrial temperature range: –40
°C to +85°C
s Available in an ultra-small 8-pin (2mm
××××× 2mm) MLF™
package
FEATURES
3.3V DUAL DIFFERENTIAL
LVPECL-to-LVTTL TRANSLATOR
Precision Edge®
SY89223L
BLOCK DIAGRAM
D0
/D0
Q0
D1
/D1
LVPECL INPUTS
Q1
TTL OUTPUTS
Rev.: B
Amendment: /0
Issue Date:
May 2005
The SY89223L is a 3.3V, precision dual differential
LVPECL-to-LVTTL translator. The ultra-small 8-pin MLF
package and the low skew, dual gate design of this
translator makes it ideal for applications which require
the translation of a clock and a data signal.
The SY89223L translator accepts 10k or 100k
differential LVPECL inputs.
Micrel Part Number
Functional Cross
SY89223L
10/100ELT23
FUNCTIONAL CROSS REFERENCE
Precision Edge®
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.


Similar Part No. - SY89223L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89221U MICREL-SY89221U Datasheet
326Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
SY89221U MICREL-SY89221U Datasheet
834Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with
SY89221UHY MICREL-SY89221UHY Datasheet
326Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
SY89221UHYTR MICREL-SY89221UHYTR Datasheet
326Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
SY89221UHYTR MICREL-SY89221UHYTR Datasheet
834Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with
More results

Similar Description - SY89223L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
Micrel Semiconductor
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L Datasheet
51Kb / 4P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L_05 Datasheet
111Kb / 6P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L Datasheet
74Kb / 8P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L_06 Datasheet
58Kb / 5P
   3.3V, DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com