Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD23-C100 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZD23-C100
Description  Voltage regulator diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZD23-C100 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZD23-C100 Datasheet HTML 1Page - NXP Semiconductors BZD23-C100 Datasheet HTML 2Page - NXP Semiconductors BZD23-C100 Datasheet HTML 3Page - NXP Semiconductors BZD23-C100 Datasheet HTML 4Page - NXP Semiconductors BZD23-C100 Datasheet HTML 5Page - NXP Semiconductors BZD23-C100 Datasheet HTML 6Page - NXP Semiconductors BZD23-C100 Datasheet HTML 7Page - NXP Semiconductors BZD23-C100 Datasheet HTML 8Page - NXP Semiconductors BZD23-C100 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1996 Jun 10
2
Philips Semiconductors
Product specification
Voltage regulator diodes
BZD23 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Zener working voltage range:
3.6 to 270 V for 46 types
• Transient suppressor stand-off
voltage range:
6.2 to 430 V for 45 types
• Available in ammo-pack.
DESCRIPTION
Cavity free cylindrical glass package
through Implotec
(1) technology.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
(1) Implotec is a trademark of Philips.
Fig.1 Simplified outline (SOD81) and symbol.
handbook, 4 columns
a
k
MAM248
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Ptot
total power dissipation
Ttp =25 °C; lead length 10 mm;
see Figs 2 and 3
BZD23-C3V6 to -C6V8
2.0
W
BZD23-C7V5 to -C510
2.5
W
Ptot
total power dissipation
Tamb =55 °C; see Figs 2 and 3;
PCB mounted (see Fig.7)
BZD23-C3V6 to -C6V8
1.0
W
BZD23-C7V5 to -C510
1.0
W
PZSM
non-repetitive peak reverse
power dissipation
tp = 100 µs; square pulse;
Tj =25 °C prior to surge; see Figs 4 and 5
BZD23-C3V6 to -C6V8
300
W
BZD23-C7V5 to -C510
300
W
PRSM
non-repetitive peak reverse
power dissipation
10/1000
µs exponential pulse (see Fig.8);
Tj =25 °C prior to surge
BZD23-C7V5 to -C510
150
W
Tstg
storage temperature
BZD23-C3V6 to -C6V8
−65
+200
°C
BZD23-C7V5 to -C510
−65
+175
°C
Tj
junction temperature
BZD23-C3V6 to -C6V8
−65
+200
°C
BZD23-C7V5 to -C510
−65
+175
°C


Similar Part No. - BZD23-C100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
logo
Vishay Siliconix
BZD27 VISHAY-BZD27 Datasheet
35Kb / 4P
   Zener Diodes
06-May-02
logo
NXP Semiconductors
BZD27-C10 PHILIPS-BZD27-C10 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27-C100 PHILIPS-BZD27-C100 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
logo
EIC discrete Semiconduc...
BZD27-C100A EIC-BZD27-C100A Datasheet
140Kb / 4P
   VOLTAGE REGULATOR DIODES
More results

Similar Description - BZD23-C100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com