Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88993VKC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88993VKC
Description  5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88993VKC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88993VKC Datasheet HTML 1Page - Micrel Semiconductor SY88993VKC Datasheet HTML 2Page - Micrel Semiconductor SY88993VKC Datasheet HTML 3Page - Micrel Semiconductor SY88993VKC Datasheet HTML 4Page - Micrel Semiconductor SY88993VKC Datasheet HTML 5Page - Micrel Semiconductor SY88993VKC Datasheet HTML 6Page - Micrel Semiconductor SY88993VKC Datasheet HTML 7Page - Micrel Semiconductor SY88993VKC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
SY88993V
Micrel, Inc.
M9999-082205
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s > 3.2Gbps operation
s 3.3V or 5V power supply option
s Low noise CML data outputs
s Chatter-Free LOS generation
s Open Collector TTL LOS output
s TTL /EN Input
s Differential PECL inputs for data
s Single power supply
s Available in a tiny 10-pin (3mm) MSOP
The SY88993V limiting post amplifier with its high and
wide bandwidth is ideal for use as a post amplifier in fiber-
optic receivers with data rates up to 3.2Gbps. Signals as
small as 4mV
PP can be amplified to drive devices with CML
inputs. The SY88993V
generates a chatter-free Loss of
Signal (LOS) open collector TTL output.
The SY88993V incorporates a programmble level detect
function to identify when the input signal has been lost.
This information can be fed back to the /EN input of the
device to maintain stability under loss of signal conditions.
Using LOS
LVL pin the sensitivity of the level detect can be
adjusted. The LOS
LVL voltage can be set by connecting a
resistor divider between V
CC and VREF, Figure 2.
FEATURES
5V/3.3V 3.2Gbps HIGH-SPEED
LIMITING POST AMPLIFIER
SY88993V
APPLICATIONS
s 1.25Gbps Gigabit Ethernet
s 531Mbps and 1062Mbps Fibre Channel
s 622Mbps SONET
s Gigabit interface converter
s 2.5Gbps SDH/SONET
BLOCK DIAGRAM
Limiting
Amplifer
CML
Buffer
GND
Enable
Level
Detect
/EN
LOS
DIN
/DIN
VREF
VCC
LOSLVL
DOUT
/DOUT
1
Rev.: C
Amendment: /0
Issue Date: August 2005


Similar Part No. - SY88993VKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88993VKC MICREL-SY88993VKC Datasheet
70Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88993VKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88993V MICREL-SY88993V Datasheet
70Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV_05 Datasheet
486Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV Datasheet
72Kb / 9P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923AV MICREL-SY88923AV Datasheet
68Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV_07 Datasheet
67Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER SY88993AV
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V_10 Datasheet
419Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com