Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-3011ZF Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # SI-3011ZF
Description  High-Current, Low-Dropout, 1.1~5 V Regulato
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3011ZF Datasheet(HTML) 2 Page - Allegro MicroSystems

  SI-3011ZF Datasheet HTML 1Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 2Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 3Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 4Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 5Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 6Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 7Page - Allegro MicroSystems SI-3011ZF Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SI-3011ZF
High-Current,
Low-Dropout,
1.1~5 V Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Linear
Regulators
2
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2004, 2005 Allegro MicroSystems, Inc.
Recommended Operating Conditions
Min
Max
Units
DC Input Voltage
6
V
DC Output Current
0
3
A
Adjustable Voltage Range
1.2
5
V
Operating Junction Temp.
-20
+100
°C
For the availability of parts meeting -40°C requirements,
contact Allegro’s Sales Representative.
Allowable Package Power Dissipation
This data sheet is based on Sanken data sheet SSJ-02605


Similar Part No. - SI-3011ZF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
208Kb / 8P
   HIgh-Current, Low-Dropout, 1.1~5V Regulator
logo
Sanken electric
SI-3011ZF SANKEN-SI-3011ZF Datasheet
223Kb / 9P
   High-Current, Low-Dropout, 1.1 to 5 V Regulator
logo
Allegro MicroSystems
SI-3011ZFE ALLEGRO-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3011ZFE SANKEN-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal Low Dropout Voltage Linear Regulator ICs
More results

Similar Description - SI-3011ZF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3011ZF SANKEN-SI-3011ZF Datasheet
223Kb / 9P
   High-Current, Low-Dropout, 1.1 to 5 V Regulator
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
208Kb / 8P
   HIgh-Current, Low-Dropout, 1.1~5V Regulator
logo
Texas Instruments
TPS763 TI-TPS763_15 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150mA LOW-DROPOUT LINEAR REGULATO
logo
Allegro MicroSystems
8181 ALLEGRO-8181 Datasheet
103Kb / 8P
   LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
SI-3025ZD ALLEGRO-SI-3025ZD Datasheet
404Kb / 9P
   High-Current, Low-Dropout, 2.5 V Regulator
SI-3033ZF ALLEGRO-SI-3033ZF Datasheet
239Kb / 8P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
429Kb / 9P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3025ZF ALLEGRO-SI-3025ZF Datasheet
213Kb / 8P
   High-Current, Low-Dropout, 2.5 V Regulator
logo
Sanken electric
SI-3010LLSL SANKEN-SI-3010LLSL Datasheet
257Kb / 2P
   1.5 A, Ultra-Low-Dropout, 1.1~3.3 V Regulator
logo
NXP Semiconductors
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com