Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC6011A Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2SC6011A
Description  Audio Amplification Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2SC6011A Datasheet(HTML) 1 Page - Allegro MicroSystems

  2SC6011A Datasheet HTML 1Page - Allegro MicroSystems 2SC6011A Datasheet HTML 2Page - Allegro MicroSystems 2SC6011A Datasheet HTML 3Page - Allegro MicroSystems 2SC6011A Datasheet HTML 4Page - Allegro MicroSystems 2SC6011A Datasheet HTML 5Page - Allegro MicroSystems 2SC6011A Datasheet HTML 6Page - Allegro MicroSystems 2SC6011A Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SC6011A
Description
By adapting the Sanken unique wafer-thinner technique, these
NPN power transistors achieve power-up by decreasing thermal
resistance, and provide higher voltage avalanche breakdown
rating.The high power-handling capacity of the TO-3Ppackage
allows a smaller footprint on the circuit board design. This
series of transistors is very well suited to not only multichannel
applications for AV (audio-visual) amplifiers and receivers,
but also parallel connection applications for PA (professional
audio system) amplifiers.
Applications include the following:
▪ Single transistors for audio amplifiers
▪ Home audio amplifiers
▪ Professional audio amplifiers
▪ Automobile audio amplifiers
▪ Audio market
▪ Single transistors for general purpose
Features and Benefits
▪ Small package (TO-3P)
▪ High power handling capacity, 160 W
▪ Improved sound output by reduced on-chip impedance
▪ For professional audio (PA) applications, VCEO = 230 V
versions available
▪ Complementary to 2SA2151A
▪ Recommended output driver: 2SC4382A
Audio Amplification Transistor
Package: 3 Lead TO-3P
38103


Similar Part No. - 2SC6011A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC6011A ISC-2SC6011A Datasheet
254Kb / 2P
   isc Silicon NPN Power Transistor
logo
Sanken electric
2SC6011A SANKEN-2SC6011A Datasheet
223Kb / 7P
   Audio Amplification Transistor
More results

Similar Description - 2SC6011A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SA2151 SANKEN-2SA2151 Datasheet
221Kb / 7P
   Audio Amplification Transistor
logo
Allegro MicroSystems
2SA2151 ALLEGRO-2SA2151 Datasheet
279Kb / 7P
   Audio Amplification Transistor
2SA2151A ALLEGRO-2SA2151A Datasheet
279Kb / 7P
   Audio Amplification Transistor
2SC6011 ALLEGRO-2SC6011 Datasheet
282Kb / 7P
   Audio Amplification Transistor
logo
Sanken electric
2SC6145 SANKEN-2SC6145 Datasheet
225Kb / 6P
   Audio Amplification Transistor
2SA2151A SANKEN-2SA2151A Datasheet
221Kb / 7P
   Audio Amplification Transistor
2SC6011 SANKEN-2SC6011 Datasheet
223Kb / 7P
   Audio Amplification Transistor
2SC6011A SANKEN-2SC6011A Datasheet
223Kb / 7P
   Audio Amplification Transistor
2SA2223A SANKEN-2SA2223A Datasheet
226Kb / 6P
   Audio Amplification Transistor
2SA2223 SANKEN-2SA2223 Datasheet
226Kb / 6P
   Audio Amplification Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com