Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGY2021G Datasheet(PDF) 9 Page - NXP Semiconductors

Part # CGY2021G
Description  DCS/PCS 2 W power amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CGY2021G Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button CGY2021G Datasheet HTML 4Page - NXP Semiconductors CGY2021G Datasheet HTML 5Page - NXP Semiconductors CGY2021G Datasheet HTML 6Page - NXP Semiconductors CGY2021G Datasheet HTML 7Page - NXP Semiconductors CGY2021G Datasheet HTML 8Page - NXP Semiconductors CGY2021G Datasheet HTML 9Page - NXP Semiconductors CGY2021G Datasheet HTML 10Page - NXP Semiconductors CGY2021G Datasheet HTML 11Page - NXP Semiconductors CGY2021G Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1997 Apr 03
9
Philips Semiconductors
Preliminary specification
DCS/PCS 2 W power amplifier
CGY2021G
PACKAGE OUTLINE
UNIT
A
max.
A1
A2
A3
bp
cE(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
1.60
0.20
0.05
1.45
1.35
0.25
0.27
0.17
0.18
0.12
7.1
6.9
0.5
9.15
8.85
0.69
0.59
0.95
0.55
7
0
o
o
0.12
0.1
0.2
1.0
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.45
SOT313-2
93-06-15
94-12-19
D(1)
(1)
(1)
7.1
6.9
HD
9.15
8.85
E
Z
0.95
0.55
D
b p
e
E
B
12
D
H
b p
E
H
v M B
D
ZD
A
Z E
e
v M A
1
48
37
36
25
24
13
θ
A1
A
L p
Q
detail X
L
(A )
3
A2
X
y
c
w M
w M
0
2.5
5 mm
scale
pin 1 index
LQFP48: plastic low profile quad flat package; 48 leads; body 7 x 7 x 1.4 mm
SOT313-2


Similar Part No. - CGY2021G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2010G PHILIPS-CGY2010G Datasheet
79Kb / 12P
   GSM 4 W power amplifiers
1996 Jul 08
CGY2011G PHILIPS-CGY2011G Datasheet
79Kb / 12P
   GSM 4 W power amplifiers
1996 Jul 08
CGY2013G PHILIPS-CGY2013G Datasheet
86Kb / 12P
   GSM 4 W power amplifier
1998 Jan 23
CGY2014 PHILIPS-CGY2014 Datasheet
73Kb / 12P
   GSM/DCS/PCS power amplifier
2000 Nov 28
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
   GSM/DCS/PCS power amplifier
2000 Nov 28
More results

Similar Description - CGY2021G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
   GSM/DCS/PCS power amplifier
2000 Nov 28
logo
Motorola, Inc
MRFIC1870 MOTOROLA-MRFIC1870 Datasheet
265Kb / 4P
   3.2 V DCS/PCS GaAs Integrated Power Amplifier
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
logo
RF Micro Devices
RF2368 RFMD-RF2368 Datasheet
191Kb / 8P
   DCS/PCS 2.7V LOW NOISE AMPLIFIER
logo
ANADIGICS, Inc
AWT6123 ANADIGICS-AWT6123 Datasheet
214Kb / 10P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier
logo
RF Micro Devices
RF3183 RFMD-RF3183 Datasheet
1Mb / 20P
   QUAD-BAND/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
logo
TriQuint Semiconductor
TQM7M4012 TRIQUINT-TQM7M4012 Datasheet
538Kb / 12P
   3V QUAD - BRAND GSM850/900 DCS/PCS POWER AMPLIFIER MODULE
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5022 TRIQUINT-TQM7M5022_15 Datasheet
59Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com