Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8904SLP-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A8904SLP-T
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8904SLP-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A8904SLP-T Datasheet HTML 5Page - Allegro MicroSystems A8904SLP-T Datasheet HTML 6Page - Allegro MicroSystems A8904SLP-T Datasheet HTML 7Page - Allegro MicroSystems A8904SLP-T Datasheet HTML 8Page - Allegro MicroSystems A8904SLP-T Datasheet HTML 9Page - Allegro MicroSystems A8904SLP-T Datasheet HTML 10Page - Allegro MicroSystems A8904SLP-T Datasheet HTML 11Page - Allegro MicroSystems A8904SLP-T Datasheet HTML 12Page - Allegro MicroSystems A8904SLP-T Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
8904
3-PHASE BRUSHLESS DC
MOTOR CONTROLLER/DRIVER
www.allegromicro.com
9
If the motor moves, the back-EMF detection and direction
circuit waits for the correct polarity of back-EMF zero crossing
(output crossing through centertap). If the correct polarity of
back-EMF is not detected, a watchdog circuit commutates the
output until the correct back-EMF is detected. Correct back-
EMF sensing is indicated by the FCOM signal, which toggles
every time the back-EMF completes a zero crossing (see
waveforms below). FCOM is available at the DATA OUT
terminal.
True back-EMF zero crossings are used by the adaptive
commutation delay circuit to advance the state sequencer
(commutate) at the proper time to synchronously run the motor.
See next section.
Adaptive commutation delay. The adaptive commuta-
tion delay circuit uses the back-EMF zero-crossing indicator
signal (FCOM) to determine an optimal commutation time for
efficient synchronous switching of the output drivers. When the
FCOM signal changes state, one of the delay capacitors (C
D1 or
C
D2) is discharged at approximately twice the rate of the
charging current. When the capacitor reaches the 2.5 V thresh-
old, a commutation occurs. During this discharge period, the
other delay capacitor is being charged in anticipation of the next
FCOM state change. In addition, there is an interruption to the
charging, which is set by the blanking duration (see waveform
below, V
CWD, and next section). This additional charging delay
causes the commutation to occur at slightly less than 50% of the
FCOM on or off duration, to compensate for delays caused by
winding inductance.
Functional Description (cont’d)
The typical delta voltage change during normal operation in
the commutation capacitors (C
D1 & CD2), will range between
1.5 V and 2.0 V. The commutation capacitor values can be
determined from:
C
DX = ICD x t / VCD
where V
CD = 1.5 V, ICD = 20 µA, and t = (60/rpm)/(#motor
poles x 3), duration of each state.
To avoid the capacitors charging to the supply rail, the value
selected should provide adequate margin, taking into account the
effects of capacitor tolerance, charging current, etc.
Blanking and watchdog timing functions. The
blanking and watchdog timing functions are derived from one
timing capacitor C
WD .
During normal commutation, at the beginning of each new
sequencer state, a blanking signal is created until the watchdog
capacitor C
WD is charged to the threshold VTL (see waveforms
below). This blanking signal prohibits the back-EMF compara-
tors from tripping due to the discharging of inductive energy and
voltage settling transients during sequence state transitions. The
duration of this blanking signal depends on the size of the C
WD
capacitor and the programmed charge current, I
CWD (via D26-
27). This blanking pulse also interrupts the commutation delay
capacitors C
D1 and CD2 from charging (see previous section).
The ability to select the minimum charge current for C
WD is
particularly useful during start-up, where the duration of the
diode recirculation current is highest. In applications where
high motor speeds are experienced, the charge current can be
increased so that the blanking period does not encroach signifi-
cantly into the period of each sequencer state and does not cause


Similar Part No. - A8904SLP-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8904SLP-T ALLEGRO-A8904SLP-T Datasheet
1Mb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
More results

Similar Description - A8904SLP-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8904SLB ALLEGRO-A8904SLB Datasheet
1Mb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8905 ALLEGRO-8905 Datasheet
163Kb / 12P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8902A ALLEGRO-8902A Datasheet
156Kb / 12P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
A8904SLBTR ALLEGRO-A8904SLBTR Datasheet
627Kb / 18P
   3-Phase Brushless DC Motor Controller/Driver with Back EMF Sensing
8906 ALLEGRO-8906 Datasheet
159Kb / 12P
   BIDIRECTIONAL 3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
March 1, 1999
8909 ALLEGRO-8909 Datasheet
63Kb / 2P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING AND POWER DMOS OUTPUTS
April 3, 1995
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
2936-120 ALLEGRO-2936-120_02 Datasheet
146Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
TRINAMIC Motion Control...
TMC603A TRINAMIC-TMC603A Datasheet
987Kb / 44P
   Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
TMC603 TRINAMIC-TMC603_1 Datasheet
888Kb / 41P
   Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com