Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8530 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A8530
Description  Ultracompact 6-Channel Backlight and Flash/Torch White LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8530 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A8530 Datasheet HTML 1Page - Allegro MicroSystems A8530 Datasheet HTML 2Page - Allegro MicroSystems A8530 Datasheet HTML 3Page - Allegro MicroSystems A8530 Datasheet HTML 4Page - Allegro MicroSystems A8530 Datasheet HTML 5Page - Allegro MicroSystems A8530 Datasheet HTML 6Page - Allegro MicroSystems A8530 Datasheet HTML 7Page - Allegro MicroSystems A8530 Datasheet HTML 8Page - Allegro MicroSystems A8530 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VBATT
CIN
1 μF
D1
D2
D3
D4
D6
D5
LED1
LED2
LED3
LED4
LED5
LED6
ENM
ENF
VOUT
GND
VIN
C2+
C2–
ISET
RSET
C1+
C1–
On/Off and
Dimming
Control
A8530
D1-D4 Main; D5-D6 Flash
VIN>Vf(max)+0.2V, Vf = LED forward drop
Approximate Scale 1:1
Figure 4. High efficiency current sink
Typical Applications
VBATT
2.7 to 5.5 V
CIN
4.7 µF
COUT
4.7 µF
1 µF
1 µF
D1
LED1
LED2
LED3
LED4
LED5
LED6
ENM
ENF
VOUT
GND
VIN
C2+
C2–
ISET
RSET
C1+
C1–
A8530
C2
C1
On/Off and
Dimming
Control
VBATT
2.7 to 5.5 V
CIN
4.7 µF
COUT
4.7 µF
1 µF
1 µF
D1
D6
D5
LED1
LED2
LED3
LED4
LED5
LED6
ENM
ENF
VOUT
GND
VIN
C2+
C2–
ISET
RSET
C1+
C1–
A8530
C2
C1
D1-D4 Backlight; D5-D6 Flash
On/Off and
Dimming
Control
Figure 2. 3×100 mA flash
Figure 3. 320 mA flash
Description
The A8530 high efficiency charge pump ICs offer a simple,
low-cost white LED driver solution for driving four display
backlight and two flash/torch/video mode white LEDs. Using
a proprietary control scheme (1×, 1.5×, and 2×), the A8530
can deliver well-matched LED current while maintaining the
highest efficiency and low EMI. The LED current is regulated
over the entire range of Li+ battery voltage to provide uniform
intensity.
LED brightness and on/off can be controlled for 4 display
backlight LEDs and 2 flash/torch LEDs through 2 single-wire
serial interface pins.
TheA8530 is available in a very thin profile (0.75 mm nominal
height) 3 mm× 3 mm QFN/MLP 16 pin package. Applications
include:
White LED backlights for cellular phones, PDAs
Digital cameras, camcorders
Other portable device white LED backlighting
320 mA WLED flash/torch
8530-DS
Features and Benefits
▪ Proprietary adaptive control scheme (1×, 1.5×, 2×)
▪ 0.5% typical LED current matching
▪ 2 separate serial interfaces for dimming control
▪ Drives up to 6 white LEDs (4 display backlight, 2 flash/torch)
▪ 30 mA per LED channel for display backlight
▪ 100 mA per LED channel for flash/torch backlight
▪ 320 mA total output current capability
▪ Low EMI design and soft-start function
▪ Short circuit, overvoltage, thermal shutdown protection
▪ 0.75 mm very thin profile, 3 mm × 3 mm package
Ultracompact 6-Channel Backlight
and Flash/Torch White LED Driver
Package: 16 pin QFN/MLP (suffix ES)
A8530
VBATT
2.7 to 5.5 V
CIN
4.7 µF
COUT
4.7 µF
1 µF
1 µF
D1
D2
D3
D4
D6
D5
LED1
LED2
LED3
LED4
LED5
LED6
ENM
ENF
VOUT
GND
VIN
C2+
C2–
ISET
RSET
C1+
C1–
On/Off and
Dimming
Control
A8530
C2
C1
D1-D4 Backlight; D5-D6 Flash
Figure 1. 4×30 mA backlight with 2×100 mA flash


Similar Part No. - A8530

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8500 ALLEGRO-A8500 Datasheet
1Mb / 16P
   Flexible WLED/RGB Backlight Driver for Medium Size LCDs
A8500EECTR-T ALLEGRO-A8500EECTR-T Datasheet
1Mb / 16P
   Flexible WLED/RGB Backlight Driver for Medium Size LCDs
A8501 ALLEGRO-A8501 Datasheet
559Kb / 24P
   2 MHz, 4 Channel100 mA WLED/RGB Driver
logo
AiT Semiconductor Inc.
A8501 AITSEMI-A8501 Datasheet
368Kb / 8P
   OLED DRIVER PWM CONTROL STEP-UP DC-DC CONVERTER
REV2.5
A8501E5R AITSEMI-A8501E5R Datasheet
368Kb / 8P
   OLED DRIVER PWM CONTROL STEP-UP DC-DC CONVERTER
REV2.5
More results

Similar Description - A8530

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WD3100 WILLSEMI-WD3100 Datasheet
840Kb / 9P
   200mA Flash/Torch LED Driver
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
   2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
IXYS Corporation
MX881 IXYS-MX881 Datasheet
404Kb / 13P
   Xenon Flash Controller & LED Torch Driver
logo
Holtek Semiconductor In...
HT7945 HOLTEK-HT7945 Datasheet
3Mb / 11P
   White LED Backlight Driver
logo
Monolithic Power System...
EV0062 MPS-EV0062 Datasheet
155Kb / 4P
   1.3MHz Low Power LED Torch/Flash Driver
EV1527DR-02A MPS-EV1527DR-02A Datasheet
199Kb / 5P
   1.3MHz Low Power LED Torch/Flash Driver
logo
Analog Devices
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
   Four White LED Backlight Driver
REV. C
ADM8843 AD-ADM8843 Datasheet
330Kb / 16P
   4 White LED Backlight Driver
REV. 0
logo
New Japan Radio
NJW4600 NJRC-NJW4600 Datasheet
190Kb / 2P
   White LED Driver for Backlight
NJW4603 NJRC-NJW4603 Datasheet
189Kb / 2P
   White LED Driver for Backlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com