Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6818SEPTR Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A6818SEPTR
Description  DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6818SEPTR Datasheet(HTML) 4 Page - Allegro MicroSystems

  A6818SEPTR Datasheet HTML 1Page - Allegro MicroSystems A6818SEPTR Datasheet HTML 2Page - Allegro MicroSystems A6818SEPTR Datasheet HTML 3Page - Allegro MicroSystems A6818SEPTR Datasheet HTML 4Page - Allegro MicroSystems A6818SEPTR Datasheet HTML 5Page - Allegro MicroSystems A6818SEPTR Datasheet HTML 6Page - Allegro MicroSystems A6818SEPTR Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
6818
32-BIT SERIAL-INPUT,
LATCHED SOURCE DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ELECTRICAL CHARACTERISTICS at TA = +25°C (A6818S-) or over operating temperature
range (A6818E- and A6818K-), VBB = 60 V unless otherwise noted.
Limits @ VDD = 3.3 V Limits @ VDD = 5 V
Characteristic
Symbol
Test Conditions
Mln.
Typ.
Max.
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
VOUT = 0 V
<-0.1
-15
<-0.1
-15
µA
Output Voltage
VOUT(1)
IOUT = -25 mA
57.5
58.3
57.5
58.3
V
VOUT(0)
IOUT = 1 mA
1.0
1.5
1.0
1.5
V
Output Pull-Down Current
IOUT(0)
VOUT = 5 V to VBB
2.5
5.0
2.5
5.0
mA
Input Voltage
VIN(1)
2.2
3.3
V
VIN(0)
1.1
1.7
V
Input Current
IIN(1)
VIN = VDD
<0.01
1.0
<0.01
1.0
µA
IIN(0)
VIN = 0.8 V
<-0.01
-1.0
<-0.01
-1.0
µA
Input Clamp Voltage
VIK
IIN = -200 µA
-0.8
-1.5
-0.8
-1.5
V
Serial Data Output Voltage
VOUT(1)
IOUT = -200 µA
2.8
3.05
4.5
4.75
V
VOUT(0)
IOUT = 200 µA
0.15
0.3
0.15
0.3
V
Maximum Clock Frequency
fc
10
33
10
33
MHz
Logic Supply Current
IDD(1)
All Outputs High
0.25
0.75
0.3
1.0
mA
IDD(0)
All Outputs Low
0.25
0.75
0.3
1.0
mA
Load Supply Current
IBB(1)
All Outputs High, No Load
4.5
9.0
4.5
9.0
mA
IBB(0)
All Outputs Low
0.2
20
0.2
20
µA
Blanking-to-Output Delay
tdis(BQ)
CL = 30 pF, 50% to 50%
0.7
2.0
0.7
2.0
µs
ten(BQ)
CL = 30 pF, 50% to 50%
1.8
3.0
1.8
3.0
µs
Strobe-to-Output Delay
tp(STH-QL)
RL = 2.3 kΩ, CL ≤ 30 pF
0.7
2.0
0.7
2.0
µs
tp(STH-QH)
RL = 2.3 kΩ, CL ≤ 30 pF
1.8
3.0
1.8
3.0
µs
Output Fall Time
tf
RL = 2.3 kΩ, CL ≤ 30 pF
2.4
12
2.4
12
µs
Output Rise Time
tr
RL = 2.3 kΩ, CL ≤ 30 pF
2.4
12
2.4
12
µs
Output Slew Rate
dV/dt
RL = 2.3 kΩ, CL ≤ 30 pF
4.0
20
4.0
20
V/
µs
Clock-to-Serial Data Out Delay tp(CH-SQX)
IOUT = ±200 µA
50
50
ns
Negative current is defined as coming out of (sourcing) the specified device terminal.
Typical data is is for design information only and is at TA = +25°C.


Similar Part No. - A6818SEPTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6818SEPTR-T ALLEGRO-A6818SEPTR-T Datasheet
266Kb / 7P
   Controlled output slew rate
More results

Similar Description - A6818SEPTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6818 ALLEGRO-6818 Datasheet
142Kb / 7P
   DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
6811 ALLEGRO-6811 Datasheet
156Kb / 8P
   DABiC-IV, 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
May 15, 2000
6812 ALLEGRO-6812 Datasheet
178Kb / 10P
   DABiC-IV, 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6812EEP-T ALLEGRO-A6812EEP-T Datasheet
334Kb / 9P
   DABiC-IV 20-Bit Serial-Input Latched Source Driver
6812 ALLEGRO-6812_03 Datasheet
139Kb / 9P
   DABiC-IV, 20-BIT SERIAL-INPUT LATCHED SOURCE DRIVER
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
A6833 ALLEGRO-A6833 Datasheet
174Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com