Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV85-C22 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZV85-C22
Description  Voltage regulator diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZV85-C22 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZV85-C22 Datasheet HTML 1Page - NXP Semiconductors BZV85-C22 Datasheet HTML 2Page - NXP Semiconductors BZV85-C22 Datasheet HTML 3Page - NXP Semiconductors BZV85-C22 Datasheet HTML 4Page - NXP Semiconductors BZV85-C22 Datasheet HTML 5Page - NXP Semiconductors BZV85-C22 Datasheet HTML 6Page - NXP Semiconductors BZV85-C22 Datasheet HTML 7Page - NXP Semiconductors BZV85-C22 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1999 May 11
5
Philips Semiconductors
Product specification
Voltage regulator diodes
BZV85 series
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed circuit-board with 1 cm2 copper area per lead.
GRAPHICAL DATA
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length 4 mm; see Fig.2
110
K/W
Rth j-a
thermal resistance from junction to ambient
lead length10 mm; note 1
175
K/W
Fig.2 Thermal resistance from junction to tie-point with a lead length of 4 mm.
handbook, full pagewidth
10−2
10−1
110
102
103
104
MBG929
1
10
102
103
tp (ms)
tp
tp
T
T
δ =
δ = 1
0.02
0.01
0
0.75
0.50
0.33
0.20
0.10
0.05
Rth j-tp
(K/W)


Similar Part No. - BZV85-C22

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV85-C22 NXP-BZV85-C22 Datasheet
276Kb / 10P
   Voltage regulator diodes
Rev. 03-10 November 2009
logo
Nexperia B.V. All right...
BZV85-C22 NEXPERIA-BZV85-C22 Datasheet
1Mb / 10P
   Voltage regulator diodes
Rev. 03 - 10 November 2009
More results

Similar Description - BZV85-C22

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com