Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGFC40V7785B Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MGFC40V7785B
Description  7.7 - 8.5GHz BAND 10W INTERNALLY MATCHED GaAs FET?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFC40V7785B Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MGFC40V7785B Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC40V7785B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - MGFC40V7785B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC40V7785 MITSUBISHI-MGFC40V7785 Datasheet
82Kb / 2P
   7.7 - 8.5GHz BAND 10W INTERNALLY MATCHED GaAs FET?
MGFC40V7785A MITSUBISHI-MGFC40V7785A Datasheet
101Kb / 2P
   7.7 - 8.5GHz BAND 10W INTERNALLY MATCHED GaAs FET?
More results

Similar Description - MGFC40V7785B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC40V7785 MITSUBISHI-MGFC40V7785 Datasheet
82Kb / 2P
   7.7 - 8.5GHz BAND 10W INTERNALLY MATCHED GaAs FET?
MGFC40V7785A MITSUBISHI-MGFC40V7785A Datasheet
101Kb / 2P
   7.7 - 8.5GHz BAND 10W INTERNALLY MATCHED GaAs FET?
MGFC42V7785A MITSUBISHI-MGFC42V7785A Datasheet
104Kb / 2P
   7.7- 8.5GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC36V7785A MITSUBISHI-MGFC36V7785A Datasheet
109Kb / 2P
   7.7 - 8.5GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC39V7785A MITSUBISHI-MGFC39V7785A Datasheet
101Kb / 2P
   7.7 - 8.5GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC42V7785A MITSUBISHI-MGFC42V7785A_04 Datasheet
210Kb / 2P
   7.7 ~ 8.5GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC47A7785 MITSUBISHI-MGFC47A7785 Datasheet
196Kb / 2P
   7.7 - 8.5GHz BAND 50W INTERNALLY MATCHED GaAs FET
MGFC36V7785A MITSUBISHI-MGFC36V7785A_04 Datasheet
184Kb / 2P
   7.7 ~ 8.5GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC39V7785A MITSUBISHI-MGFC39V7785A_04 Datasheet
184Kb / 2P
   7.7 ~ 8.5GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC40V7177 MITSUBISHI-MGFC40V7177 Datasheet
80Kb / 2P
   7.1 - 7.7GHz BAND 10W INTERNALLY MATCHED GaAs FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com