Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6818EEPTR-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A6818EEPTR-T
Description  DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6818EEPTR-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A6818EEPTR-T Datasheet HTML 1Page - Allegro MicroSystems A6818EEPTR-T Datasheet HTML 2Page - Allegro MicroSystems A6818EEPTR-T Datasheet HTML 3Page - Allegro MicroSystems A6818EEPTR-T Datasheet HTML 4Page - Allegro MicroSystems A6818EEPTR-T Datasheet HTML 5Page - Allegro MicroSystems A6818EEPTR-T Datasheet HTML 6Page - Allegro MicroSystems A6818EEPTR-T Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
6818
32-BIT SERIAL-INPUT,
LATCHED SOURCE DRIVER
www.allegromicro.com
TIMING REQUIREMENTS and SPECIFICATIONS
(Logic Levels are VDD and Ground)
Serial Data present at the input is transferred to the shift
register on the logic “0” to logic “1” transition of the CLOCK
input pulse. On succeeding CLOCK pulses, the registers shift
data information towards the SERIAL DATA OUTPUT. The
SERIAL DATA must appear at the input prior to the rising edge
of the CLOCK input waveform.
Information present at any register is transferred to the
respective latch when the STROBE is high (serial-to-parallel
conversion). The latches will continue to accept new data as
long as the STROBE is held high. Applications where the
latches are bypassed (STROBE tied high) will require that the
BLANKING input be high during serial data entry.
When the BLANKING input is high, the output source
drivers are disabled (OFF); the pnp active pull-down sink
drivers are ON. The information stored in the latches is not
affected by the BLANKING input. With the BLANKING input
low, the outputs are controlled by the state of their respective
latches.
CLOCK
SERIAL
DATA IN
STROBE
BLANKING
OUTN
Dwg. WP-029
50%
SERIAL
DATA OUT
DATA
DATA
10%
90%
50%
50%
50%
C
A
B
D
E
LOW = ALL OUTPUTS ENABLED
p(STH-QL)
t
p(CH-SQX)
t
DATA
p(STH-QH)
t
BLANKING
OUTN
Dwg. WP-030A
DATA
10%
50%
en(BQ)
t
dis(BQ)
t
HIGH = ALL OUTPUTS BLANKED (DISABLED)
r
t
f
t
50%
90%
A. Data Active Time Before Clock Pulse
(Data Set-Up Time), tsu(D) ......................................... 25 ns
B. Data Active Time After Clock Pulse
(Data Hold Time), th(D) ............................................... 25 ns
C. Clock Pulse Width, tw(CH) ............................................... 50 ns
D. Time Between Clock Activation and Strobe, tsu(C) ....... 100 ns
E. Strobe Pulse Width, tw(STH) ............................................. 50 ns
NOTE – Timing is representative of a 10 MHz clock. Signifi-
cantly higher speeds are attainable.


Similar Part No. - A6818EEPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6818EEPTR-T ALLEGRO-A6818EEPTR-T Datasheet
266Kb / 7P
   Controlled output slew rate
More results

Similar Description - A6818EEPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6818 ALLEGRO-6818 Datasheet
142Kb / 7P
   DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
6811 ALLEGRO-6811 Datasheet
156Kb / 8P
   DABiC-IV, 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
May 15, 2000
6812 ALLEGRO-6812 Datasheet
178Kb / 10P
   DABiC-IV, 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6812EEP-T ALLEGRO-A6812EEP-T Datasheet
334Kb / 9P
   DABiC-IV 20-Bit Serial-Input Latched Source Driver
6812 ALLEGRO-6812_03 Datasheet
139Kb / 9P
   DABiC-IV, 20-BIT SERIAL-INPUT LATCHED SOURCE DRIVER
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
A6833 ALLEGRO-A6833 Datasheet
174Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com