Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM94704AGR Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM94704AGR
Description  HIGH-SPEED 802.11AG AP/ROUTER MIPSVPN PROCESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM94704AGR Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM94704AGR Datasheet HTML 1Page - Broadcom Corporation. BCM94704AGR Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM94704AGR
®
HIGH-SPEED 802.11A+G AP/ROUTER MIPS+VPN PROCESSOR
IEEE 802.11a/b/g compatible access point and router
10/100 Ethernet WAN port and 4-port 10/100 Ethernet LAN
Routing between 10/100 WAN, 10/100 LAN, and wireless LAN
Capable of simultaneous dual-band wireless LAN
communication and upgradeable to future wireless LAN
standards
Turnkey access point and router configurations
USB 1.1 host/device support
Mini-PCI and PCI expansion slots
Integrated VPN hardware accelerator (only with BCM4704P)
4-MB flash/16-MB SDRAM default configuration plus
footprint support for 2-MB flash/8-MB SDRAM
Production-quality AP and router reference code provides an
easily customized turnkey solution
Network processor performance supports concurrent
bridging of 802.11a, 802.11b, and 802.11g and support for
802.11 requirements worldwide
Software support for Linux™ and VxWorks
® operating
systems yields fast time-to-market
Fully tested kernel, BSP, and driver packages enable custom
OEM differentiation
Browser-based configuration and management tools are
intuitive to the end user
Advanced high performance baseband processor with
integrated medium access controller (MAC)
SmartRadio Technology: Improves wireless LAN throughput
and range with advanced signal processing techniques. The all-
CMOS solutions are capable of self-calibrating based on usage
temperature and other environmental conditions, reconfiguring
constantly for optimum performance.
OneDriver™ works with all AirForce™ 802.11a/b/54g solutions,
simplifying the upgrade/update process for customers and end
users. Driver certification and extensive operating system support,
including WHQL certified Microsoft® Windows® drivers, Zero
configuration with Microsoft XP, and embedded drivers for
Linux® and VxWorks®.
Comprehensive security portfolio including Wi-Fi Protected
Access (WPA and WPA2) CERTIFIED, built-in hardware support
for Advanced Encryption Standard (AES) protocol, Wired
Equivalent Privacy (WEP), MAC filtering, closed networks.
125 High Speed Mode™: Standards-plus performance
enhancement delivers best real-world performance when both
client and AP support High Speed Mode (HSM).
BroadRange™ Technology: Standards-compliant feature
increases receive sensitivity to improve range at the higher data
rates (with BCM94318EMPG card).
Worldwide regulatory capability
SecureEasySetup™ for simple Wi-Fi setup and WPA security
configuration.
H A RD W A RE FE A T U R E S
SOF T WARE F E A T URES
AI RF O R C E F A MI L Y FEA T U R ES


Similar Part No. - BCM94704AGR

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM94704NR BOARDCOM-BCM94704NR Datasheet
157Kb / 2P
   DRAFT-802.11n PRODUCT FAMILY
More results

Similar Description - BCM94704AGR

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
AWK-3131A-RTG MOXA-AWK-3131A-RTG Datasheet
1Mb / 8P
   Industrial IEEE 802.11a/b/g/n wireless AP/client
logo
Realtek Semiconductor C...
RTL8198-GR REALTEK-RTL8198-GR Datasheet
989Kb / 86P
   IEEE 802.11n GIGABIT ETHERNET AP/ROUTER NETWORK PROCESSOR
logo
ORing Industrial Networ...
IGR-20 ORING-IGR-20 Datasheet
311Kb / 4P
   Industrial VPN Router
logo
Moxa Inc.
AWK-3131A-RCC MOXA-AWK-3131A-RCC Datasheet
770Kb / 7P
   Industrial IEEE 802.11a/b/g/n wireless AP/client
logo
Realtek Semiconductor C...
RTL8196C-GR REALTEK-RTL8196C-GR Datasheet
625Kb / 44P
   IEEE 802.11n AP/ROUTER NETWORK PROCESSOR WITH EEE
logo
Moxa Inc.
AWK-3131A MOXA-AWK-3131A Datasheet
855Kb / 6P
   Industrial IEEE 802.11a/b/g/n wireless AP/bridge/client
logo
Broadcom Corporation.
BCM94702AP BOARDCOM-BCM94702AP Datasheet
779Kb / 1P
   AIRFORCE WIRELESS AP/ROUTER
logo
TP-Link Technologies Co...
TL-WR843N TP-LINK-TL-WR843N Datasheet
1Mb / 5P
   300Mbps Wireless AP/Client Router
logo
List of Unclassifed Man...
ADW-4200A ETC-ADW-4200A Datasheet
87Kb / 6P
   ADSL Wireless VPN / Firewall Router
logo
Moxa Inc.
AWK-4131A MOXA-AWK-4131A Datasheet
974Kb / 7P
   Outdoor industrial IEEE 802.11a/b/g/n wireless AP/bridge/client
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com