Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX284-B6V8 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZX284-B6V8
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX284-B6V8 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZX284-B6V8 Datasheet HTML 1Page - NXP Semiconductors BZX284-B6V8 Datasheet HTML 2Page - NXP Semiconductors BZX284-B6V8 Datasheet HTML 3Page - NXP Semiconductors BZX284-B6V8 Datasheet HTML 4Page - NXP Semiconductors BZX284-B6V8 Datasheet HTML 5Page - NXP Semiconductors BZX284-B6V8 Datasheet HTML 6Page - NXP Semiconductors BZX284-B6V8 Datasheet HTML 7Page - NXP Semiconductors BZX284-B6V8 Datasheet HTML 8Page - NXP Semiconductors BZX284-B6V8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 Apr 19
2
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX284 series
FEATURES
• Total power dissipation:
max. 400 mW
• Two tolerance series:
±2% and ±5%
• Working voltage range:
nom. 2.4 to 75 V (E24 range).
APPLICATIONS
• General regulation functions.
DESCRIPTION
Low-power voltage regulator diodes in a small ceramic SMD SOD110 package.
The diodes are available in the normalized E24
±2% (BZX284-B) and ±5%
(BZX284-C) tolerance range. The series consists of 37 types with nominal
working voltages from 2.4 to 75 V.
Fig.1 Simplified outline (SOD110) and symbol.
handbook, 4 columns
MAM219
ka
cathode mark
top view
side view
bottom view
ak
MARKING
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
BZX284-B2V4
WO
BZX284-B15
XH
BZX284-C2V4
YO
BZX284-C15
ZH
BZX284-B2V7
WP
BZX284-B16
XI
BZX284-C2V7
YP
BZX284-C16
ZI
BZX284-B3V0
WQ
BZX284-B18
XJ
BZX284-C3V0
YQ
BZX284-C18
ZJ
BZX284-B3V3
WR
BZX284-B20
XK
BZX284-C3V3
YR
BZX284-C20
ZK
BZX284-B3V6
WS
BZX284-B22
XL
BZX284-C3V6
YS
BZX284-C22
ZL
BZX284-B3V9
WT
BZX284-B24
XM
BZX284-C3V9
YT
BZX284-C24
ZM
BZX284-B4V3
WU
BZX284-B27
XN
BZX284-C4V3
YU
BZX284-C27
ZN
BZX284-B4V7
WV
BZX284-B30
XO
BZX284-C4V7
YV
BZX284-C30
ZO
BZX284-B5V1
WW
BZX284-B33
XP
BZX284-C5V1
YW
BZX284-C33
ZP
BZX284-B5V6
WX
BZX284-B36
XQ
BZX284-C5V6
YX
BZX284-C36
ZQ
BZX284-B6V2
WY
BZX284-B39
XR
BZX284-C6V2
YY
BZX284-C39
ZR
BZX284-B6V8
WZ
BZX284-B43
XS
BZX284-C6V8
YZ
BZX284-C43
ZS
BZX284-B7V5
XA
BZX284-B47
XT
BZX284-C7V5
ZA
BZX284-C47
ZT
BZX284-B8V2
XB
BZX284-B51
XU
BZX284-C8V2
ZB
BZX284-C51
ZU
BZX284-B9V1
XC
BZX284-B56
XV
BZX284-C9V1
ZC
BZX284-C56
ZV
BZX284-B10
XD
BZX284-B62
XW
BZX284-C10
ZD
BZX284-C62
ZW
BZX284-B11
XE
BZX284-B68
XX
BZX284-C11
ZE
BZX284-C68
ZX
BZX284-B12
XF
BZX284-B75
XY
BZX284-C12
ZF
BZX284-C75
ZY
BZX284-B13
XG
−−
BZX284-C13
ZG
−−


Similar Part No. - BZX284-B6V8

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BZX284-B6V8 NEXPERIA-BZX284-B6V8 Datasheet
892Kb / 11P
   Voltage regulator diodes
2002 May 28
More results

Similar Description - BZX284-B6V8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com