Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88883V Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY88883V
Description  3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER WITH TTL SD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88883V Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY88883V Datasheet HTML 1Page - Micrel Semiconductor SY88883V Datasheet HTML 2Page - Micrel Semiconductor SY88883V Datasheet HTML 3Page - Micrel Semiconductor SY88883V Datasheet HTML 4Page - Micrel Semiconductor SY88883V Datasheet HTML 5Page - Micrel Semiconductor SY88883V Datasheet HTML 6Page - Micrel Semiconductor SY88883V Datasheet HTML 7Page - Micrel Semiconductor SY88883V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SY88883V
Micrel, Inc.
M9999-081005
hbwhelp@micrel.com or (408) 955-1690
DATA+
5mV (Min.)
900mV (Max.)
10mVpp (Min.)
1800mVpp (Max.)
DATA–
(DATA+) – (DATA–)
VIS(mV)
VID(mVpp)
Figure 1. V
IS and VID Definition
GND
VCC
0.1
µF
0.1
µF
50
/DIN
50
VREF
DIN
AC-Coupling
Capacitors
ESD
STRUCTURE
Figure 2. Input Structure
50
GND
VCC
16mA
/DOUT
AC-Coupling
Capacitors
Z0 = 50Ω
Z0 = 50Ω
VCC
50
50
50
ESD
STRUCTURE
DOUT
0.1
µF
Figure 3. Output Structure
50
GND
16mA
50
VCC
16mA
ICC
ESD
STRUCTURE
Figure 4. Power Supply Current Measurement
SD
5k
VCC
Figure 5. SD Output Structure
RSDLVL
SDLVL
VCC
VREF
2.8k
Figure 6. SD
LVL Setting Circuit


Similar Part No. - SY88883V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KC MICREL-SY88802KC Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KCTR MICREL-SY88802KCTR Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KI MICREL-SY88802KI Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802KITR MICREL-SY88802KITR Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
More results

Similar Description - SY88883V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88983V MICREL-SY88983V Datasheet
125Kb / 9P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88823V MICREL-SY88823V Datasheet
122Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
SY88843V MICREL-SY88843V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com