Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88793VKC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88793VKC
Description  3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88793VKC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88793VKC Datasheet HTML 1Page - Micrel Semiconductor SY88793VKC Datasheet HTML 2Page - Micrel Semiconductor SY88793VKC Datasheet HTML 3Page - Micrel Semiconductor SY88793VKC Datasheet HTML 4Page - Micrel Semiconductor SY88793VKC Datasheet HTML 5Page - Micrel Semiconductor SY88793VKC Datasheet HTML 6Page - Micrel Semiconductor SY88793VKC Datasheet HTML 7Page - Micrel Semiconductor SY88793VKC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SY88793V
Micrel, Inc.
M9999-072505
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(Note 1)
Supply Voltage (V
CC) ....................................... 0V to +7.0V
Input Voltage (D
IN, /DIN) ......................................... 0 to VCC
Output Current (I
OUT)
Continuous ............................................................. 50mA
Surge .................................................................... 100mA
EN Voltage ............................................................. 0 to V
CC
V
REF Current ......................................... –800µA to +500µA
SD
LVL Voltage ................................................. VREF to VCC
Lead Temperature (soldering, 20 sec.) ................... +260
°C
Storage Temperature (T
S) ....................... –55°C to +125°C
Operating Ratings(Note 2)
Supply Voltage (V
CC) .............................. +3.0V to +3.6V or
............................................................ +4.5V to +5.5V
Ambient Temperature (T
A), Note 3 ............ –40°C to +85°C
Junction Temperature (T
J), Note 3 .......... –40°C to +120°C
Package Thermal Resistance
MSOP
JA) Still-Air .................................................. 113°C/W
JB) Still-Air .................................................... 74°C/W
V
CC = 3.0V to 3.6V or 4.5V to 5.5V; RLOAD = 50Ω to VCC–2V; TA = –40°C to +85°C; typical values at VCC = 3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
CC
Power Supply Current
no output load
25
42
mA
SD
LVL
SD
LVL Voltage
V
REF
V
CC
V
V
IH
EN Input HIGH Voltage
2.0
V
V
IL
EN Input LOW Voltage
0.8
V
I
IH
EN Input HIGH Current
V
IN = 2.7V
20
µA
V
IN = VCC
100
µA
I
IL
EN Input LOW Current
V
IN = 0.5V
–0.3
mA
V
OH
SD Output HIGH Level
V
CC > 3.3V
2.4
V
V
CC < 3.3V
2.0
V
V
OL
SD Output LOW Level
I
OL = +2mA
0.5
V
V
OH
PECL Output HIGH Voltage
50
Ω to V
CC–2V output load
V
CC–1.085 VCC–0.955 VCC–0.880
V
V
OL
PECL Output LOW Voltage
50
Ω to V
CC–2V output load
V
CC–1.830 VCC–1.705 VCC–1.555
V
V
OFFSET
Differential Output Offset
±100
mV
V
IHCMR
Common Mode Range
Note 2
GND +1.7
V
CC
V
V
REF
Reference Voltage
Note 3
V
CC–1.38
V
CC–1.32
V
CC–1.26
V
Note 1.
Specification for packaged product only.
Note 2.
The VIHCMR range is referenced to the most positive side of the differential input signal.
Note 3.
The current provided into or from VREF must be limited to 800µA source and 500µA sink.
DC ELECTRICAL CHARACTERISTICS(Note 1)
Note 1.
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG
conditions for extended periods may affect device reliability.
Note 2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
Note 3.
Commercial devices are guaranteed from 0
°C to +85°C ambient temperature.


Similar Part No. - SY88793VKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KC MICREL-SY88702KC Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KCTR MICREL-SY88702KCTR Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KI MICREL-SY88702KI Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702KITR MICREL-SY88702KITR Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
More results

Similar Description - SY88793VKC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88893V MICREL-SY88893V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL SIGNAL DETECT
SY88703V MICREL-SY88703V_06 Datasheet
59Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88703V MICREL-SY88703V Datasheet
59Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88713V MICREL-SY88713V Datasheet
55Kb / 8P
   3.3V/5V 622 Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/PECL SIGNAL DETECT
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88933AL MICREL-SY88933AL_07 Datasheet
325Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com