Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88353BLMG Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88353BLMG
Description  3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88353BLMG Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88353BLMG Datasheet HTML 1Page - Micrel Semiconductor SY88353BLMG Datasheet HTML 2Page - Micrel Semiconductor SY88353BLMG Datasheet HTML 3Page - Micrel Semiconductor SY88353BLMG Datasheet HTML 4Page - Micrel Semiconductor SY88353BLMG Datasheet HTML 5Page - Micrel Semiconductor SY88353BLMG Datasheet HTML 6Page - Micrel Semiconductor SY88353BLMG Datasheet HTML 7Page - Micrel Semiconductor SY88353BLMG Datasheet HTML 8Page - Micrel Semiconductor SY88353BLMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
SY88353BL
February 2007
4
M9999-021707-B
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)....................................... 0V to +4.0V
Input Voltage (DIN, /DIN) .......................................0 to VCC
Output Current (IOUT)
Continuous........................................................ ±25mA
/EN Voltage ............................................................0 to VCC
VREF Current ..........................................-800µA to +500µA
LOSLVL Voltage................................................. VREF to VCC
Lead Temperature (soldering, 20sec.) ................... +260°C
Storage Temperature (Ts) ....................... –65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC)............................. +3.0V to +3.6V
Ambient Temperature (TA) ................... –40°C to +85°C
Junction Temperature (TJ) ................. –40°C to +120°C
Supply Voltage (VCC) ........................... +3.0V to +3.6V
Ambient Temperature (TA).................. –40°C to +85°C
Package Thermal Resistance
(3)
MLF
®
(
θJA) Still-air ............................................... 60°C/W
(
ψJB) ........................................................... 33°C/W
DC Electrical Characteristics
VCC = 3.0 to 3.6V; TA = –40°C to +85°C, typical values at VCC = 3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Power Supply Current
No output load
45
62
mA
LOSLVL
LOSLVL Voltage
VCC -1.3
VCC
V
VOH
DOUT, /DOUT HIGH Voltage
VCC-0.020 VCC-0.005
VCC
V
VOL
DOUT, /DOUT LOW Voltage
VCC-0.475 VCC-0.400 VCC-0.350
V
VOFFSET
Differential Output Offset
±80
mV
VTHREF
Decision Threshold Reference
Voltage
1.25
V
Z0
Single-Ended Output Impedance
40
50
60
ZI
Single-Ended Input Impedance
40
50
60
TTL DC Electrical Characteristics
VCC = 3.0 to 3.6V; TA = –40°C to +85°C, typical values at VCC = 3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Output signal Crossing Range
Lower Limit
20
%
Output signal Crossing Range
Upper Limit
VTHN connected to VTHREF and 0-
2.4V applied to VTHP.
20
≤ DIN ≤ 100(mVpp), see Figure on
page 6.
80
%
VIH
/EN Input HIGH Voltage
2.0
V
VIL
/EN Input LOW Voltage
0.8
V
IIH
/EN Input HIGH Current
VIN = 2.7V
VIN = VCC
20
100
µA
µA
IIL
/EN Input LOW Current
VIN = 0.5V
-0.3
mA
ICEX
LOS Output Leakage Current
VOUT = VCC
100
µA
VOL
LOS Output LOW Level
Sinking 2mA
0.5
V


Similar Part No. - SY88353BLMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88353BLMG MICREL-SY88353BLMG Datasheet
471Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88353BLMGTR MICREL-SY88353BLMGTR Datasheet
471Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
More results

Similar Description - SY88353BLMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88353BL MICREL-SY88353BL Datasheet
471Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88053AL MICREL-SY88053AL Datasheet
453Kb / 12P
   3.3V, 12.5Gbps Limiting Post Amplifier with Programmable Decision Threshold
logo
Microchip Technology
SY88303BL MICROCHIP-SY88303BL Datasheet
947Kb / 19P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
09/14/21
SY88343BL MICROCHIP-SY88343BL Datasheet
891Kb / 18P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
09/14/21
logo
Micrel Semiconductor
SY88063AL MICREL-SY88063AL Datasheet
397Kb / 11P
   3.3V, 12.5Gbps Limiting Post Amplifier with
logo
Microchip Technology
SY88403BL MICROCHIP-SY88403BL Datasheet
2Mb / 23P
   3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
Revision A February 2022
logo
Analog Devices
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
logo
Micrel Semiconductor
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com