Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88347DLEYTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88347DLEYTR
Description  3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88347DLEYTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88347DLEYTR Datasheet HTML 1Page - Micrel Semiconductor SY88347DLEYTR Datasheet HTML 2Page - Micrel Semiconductor SY88347DLEYTR Datasheet HTML 3Page - Micrel Semiconductor SY88347DLEYTR Datasheet HTML 4Page - Micrel Semiconductor SY88347DLEYTR Datasheet HTML 5Page - Micrel Semiconductor SY88347DLEYTR Datasheet HTML 6Page - Micrel Semiconductor SY88347DLEYTR Datasheet HTML 7Page - Micrel Semiconductor SY88347DLEYTR Datasheet HTML 8Page - Micrel Semiconductor SY88347DLEYTR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Micrel, Inc.
SY88347DL
February 2007
2
M9999-021707-B
hbwhelp@micrel.com or (408) 955-1690
Typical Application
Pin Configuration
10-Pin EPAD-MSOP (K10-2)
Ordering Information
Part Number
Package
Type
Operating
Range
Package Marking
Lead
Finish
SY88347DLEY
K10-2
Industrial
347D with Pb-Free bar line indicator
Matte-Sn
SY88347DLEYTR
(1)
K10-2
Industrial
347D with Pb-Free bar line indicator
Matte-Sn
Note:
1. Tape and Reel.


Similar Part No. - SY88347DLEYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88343BL MICREL-SY88343BL Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343BL MICREL-SY88343BL Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
logo
Microchip Technology
SY88343BL MICROCHIP-SY88343BL Datasheet
891Kb / 18P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
09/14/21
logo
Micrel Semiconductor
SY88343BLEY MICREL-SY88343BLEY Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343BLEY MICREL-SY88343BLEY Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results

Similar Description - SY88347DLEYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88289CL MICREL-SY88289CL Datasheet
348Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343HL MICREL-SY88343HL Datasheet
472Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343BL MICREL-SY88343BL Datasheet
312Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL Datasheet
314Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88343DL MICREL-SY88343DL_07 Datasheet
317Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88289BL MICREL-SY88289BL Datasheet
332Kb / 9P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
SY88147DL MICREL-SY88147DL Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Loss-of-Signal
SY88307BL MICREL-SY88307BL Datasheet
376Kb / 11P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com