Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZG04-51 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZG04-51
Description  Transient voltage suppressor diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZG04-51 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZG04-51 Datasheet HTML 1Page - NXP Semiconductors BZG04-51 Datasheet HTML 2Page - NXP Semiconductors BZG04-51 Datasheet HTML 3Page - NXP Semiconductors BZG04-51 Datasheet HTML 4Page - NXP Semiconductors BZG04-51 Datasheet HTML 5Page - NXP Semiconductors BZG04-51 Datasheet HTML 6Page - NXP Semiconductors BZG04-51 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1996 Sep 19
5
Philips Semiconductors
Preliminary specification
Transient voltage suppressor diodes
BZG04 series
GRAPHICAL DATA
Tj =25 °C prior to surge.
Fig.2
Maximum non-repetitive peak reverse
power dissipation as a function of pulse
duration (square pulse).
handbook, halfpage
10−2
10
102
103
104
10−1
1tp (ms)
PZSM
(W)
10
MBH452
Tj =25 °C.
Fig.3
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
02
3
0
1
2
MBH453
IF
(A)
1
VF (V)
Fig.4
Non-repetitive peak reverse current pulse
definition.
In accordance with
“IEC 60-1, Section 8”.
t1 =10 µs.
t2 = 1000 µs.
handbook, halfpage
MGD521
IRSM
(%)
100
90
50
10
t1
t2
t
Fig.5 Printed-circuit board for surface mounting.
Dimensions in mm.
MSB213
4.5
2.5
1.25
50
50


Similar Part No. - BZG04-51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG04-51 VISHAY-BZG04-51 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZG04-51 VISHAY-BZG04-51 Datasheet
83Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 2.4, 29-Nov-11
logo
Shenzhen Luguang Electr...
BZG04-51 LUGUANG-BZG04-51 Datasheet
248Kb / 3P
   Transient Voltage Suppressor
BZG04-51 LUGUANG-BZG04-51 Datasheet
248Kb / 3P
   Transient Voltage Suppressor
logo
Vishay Siliconix
BZG04-51 VISHAY-BZG04-51 Datasheet
87Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 2.5, 23-Apr-14
More results

Similar Description - BZG04-51

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com