Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87725LHYTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY87725LHYTR
Description  2.5Gbps GPON/BPON ONU SERDES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87725LHYTR Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY87725LHYTR Datasheet HTML 2Page - Micrel Semiconductor SY87725LHYTR Datasheet HTML 3Page - Micrel Semiconductor SY87725LHYTR Datasheet HTML 4Page - Micrel Semiconductor SY87725LHYTR Datasheet HTML 5Page - Micrel Semiconductor SY87725LHYTR Datasheet HTML 6Page - Micrel Semiconductor SY87725LHYTR Datasheet HTML 7Page - Micrel Semiconductor SY87725LHYTR Datasheet HTML 8Page - Micrel Semiconductor SY87725LHYTR Datasheet HTML 9Page - Micrel Semiconductor SY87725LHYTR Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Micrel, Inc.
SY87725L
February 2007
6
M9999-021607-A
hbwhelp@micrel.com or (408) 955-1690
Functional Description
The SY87725L is a fully integrated transceiver with an
integrated serial-to-4-bit DeMUX and 4-bit-to-serial
Multiplexer.
Receive Section
Clock and Data Recovery Function
The Clock Recovery function includes a synthesizer that
generates a stable frequency based on the REFCLK
input. The REFCLK input can be either a differential
PECL input or a single-ended TTL input. It can also be
either 77.76MHz or 155.52MHz as selected by
REFFREQSEL. The synthesized frequency derived from
the REFCLK is within 1000ppm of the incoming serial
data rate and is used by the Clock and Data Recovery
(CDR) circuit to “train” to the correct frequency range.
This training function minimizes the acquisition time for
the CDR to lock onto the incoming data stream by
keeping the CDR frequency within close range of the
recovered clock in the case of loss of data.
The RCV_FSEL0 and RCV_FSEL1 inputs select the
receive data rate. For example, these inputs can be
used to select an OC-48, OC-24 or OC-12 data rate for
the serial data in, SIN. The typical input sensitivity of
SIN is 30mV.
The Clock Recovery function also generates CLKOUT2
that is controlled by the XMT_DDRSEL input for regular
or double data rate applications. If a clean, low-jitter
byte-rate clock is not available for CLKIN to the Transmit
Synthesizer, CLKOUT2 can be used as the reference
clock.
DeMUX Function
The recovered serial data from the CDR is converted to
a 4-bit parallel word by a 1:4 de-multiplexer. The serial-
to-parallel conversion sequence is LSB first, i.e. first
serial bit in is DOUT0, second serial bit in is DOUT1,
etc. A RCV_SYNC pulse input is used to set the word
boundary of the 4-bit parallel word. A single pulse,
applied asynchronously for a minimum of two input clock
cycles to the RCV_SYNC input, causes the start bit of
conversion to occur one bit earlier.
The CLKOUT output is the parallel data rate clock to be
used with the DOUT parallel data from the DeMUX. It is
selectable by the RCV_DDRSEL input to be either at the
parallel data rate or one-half the parallel data rate for
double data rate applications.
Transmit Section
Synthesizer Function
The SY87725L Transmit Synthesizer uses the divide-by-
4 parallel clock input or a divide-by-8 clock input when
double data rate is selected as a reference clock. The
XMT_FSEL0 and XMT_FSEL1 inputs select the TX data
rate. For example, these inputs can be used to select an
OC-24, OC-12 or OC-3 rate for the serial data out,
SOUT.
MUX Function
The 4-bit parallel data input is converted to a serial data
stream with a 4:1 multiplexer. The parallel-to-serial
conversion sequence is LSB first, i.e. DIN0 will be
shifted out first, followed by DIN1, etc.
Auto-Alignment Function
Because the 4-bit parallel data input can have an
arbitrary phase relationship with the transmit byte-rate
clock input (CLKIN), an auto-alignment function is
included in the transmit parallel-to-serial circuit.
The phase of the 4-bit parallel data is sampled and
compared with the phase of the incoming CLKIN. If the
clock and data are not in the proper phase relationship,
the phase is internally adjusted to insure that the data
will be sampled at the optimal time. This can result in a
variation of the latency between the parallel data in and
the serial data out (TDOUT) of up to three CLKIN clock
cycles.
Loopback Function
Two 3:1 multiplexers are provided to allow Local or
Remote Loopback.


Similar Part No. - SY87725LHYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87725LHYTR MICREL-SY87725LHYTR Datasheet
764Kb / 20P
   2.5Gbps GPON/BPON ONU SERDES
More results

Similar Description - SY87725LHYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87725L MICREL-SY87725L_11 Datasheet
764Kb / 20P
   2.5Gbps GPON/BPON ONU SERDES
logo
Finisar Corporation.
FTGN2117P2XXN FINISAR-FTGN2117P2XXN Datasheet
225Kb / 8P
   GPON Stick (GPON SFP ONU)
FTGN3025Q1TAS FINISAR-FTGN3025Q1TAS Datasheet
99Kb / 10P
   GPON ONU Class B Pigtailed RoHS Compliant Transceiver
logo
Maxim Integrated Produc...
MAX3886 MAXIM-MAX3886 Datasheet
302Kb / 17P
   Multirate CDR with Integrated Serializer/Deserializer for GPON and BPON ONT Applications
Rev 0; 12/07
logo
Finisar Corporation.
FTGN2117P2CUN FINISAR-FTGN2117P2CUN Datasheet
438Kb / 1P
   Pluggable SFP ONU
logo
Source Photonics, Inc.
FTM-9823T-CGH SOURCE-FTM-9823T-CGH Datasheet
329Kb / 18P
   GPON ONT Triplexer
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
logo
Finisar Corporation.
FTEN211XP1NUN FINISAR-FTEN211XP1NUN Datasheet
594Kb / 2P
   Pluggable SFP ONU
logo
Leopard Imaging Inc.
LI-OV2311-GMSL2-050H LEOPARD-LI-OV2311-GMSL2-050H Datasheet
711Kb / 7P
   SerDes Camera
LI-X1B4-TI933 LEOPARD-LI-X1B4-TI933 Datasheet
660Kb / 6P
   SerDes Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com