Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87701VZHTR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY87701VZHTR
Description  5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87701VZHTR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY87701VZHTR Datasheet HTML 6Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 7Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 8Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 9Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 10Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 11Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 12Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 13Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SY87701V
10
Micrel, Inc.
M9999-111406
hbwhelp@micrel.com or (408) 955-1690
32-PIN APPLICATION EXAMPLE
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
NC
RDINP
RDINN
FREQSEL1
REFCLK
FREQSEL2
FREQSEL3
NC
RDOUTP
RDOUTN
VCCO
RCLKP
RCLKN
VCCO
TCLKP
TCLKN
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
SW1
1
2
3
4
5
6
VCC
R12
Q1
2N2222A
LED
D2
VEE
R1
C1
7
DIODE
D1
1N4148
R10
C3
R2
C2
C4
R11
1kΩ
CD
DIVSEL2
DIVSEL1
CLKSEL
VEE
R13
VCC
VCC
Ferrite Bead
BLM21A102
L3
C5
22µF
C6
0.1µF
C7
6.8µF
C8
6.8µF
C9
6.8µF
GND
L2
L1
VCCO (+2V)
C11
0.1µF C13
0.1µF
C15
0.1µF
C12
0.01µF C14
0.01µF C16
0.01µF
C10
6.8µF
C17
0.1µF
C18
0.01µF
VEE
C19
1.0µF
C20
0.1µF
C21
0.01µF
VCC (+2V)
VCCA (+2V)
VEE (–3V)
VEEA (–3V)
GND
C1 = C2 = 1.0µF
R1 = 350Ω
R2 = 680Ω
R3 through R10 = 5kΩ
R12 = 12kΩ
R13 = 130Ω
Note:
C3, C4 are optional


Similar Part No. - SY87701VZHTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701VZHTR MICREL-SY87701VZHTR Datasheet
145Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
More results

Similar Description - SY87701VZHTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701V MICREL-SY87701V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V Datasheet
152Kb / 12P
   5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_06 Datasheet
575Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_11 Datasheet
152Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87701AL for new designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com