Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5151-1.7TD Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5151-1.7TD
Description  VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5151-1.7TD Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5151-1.7TD Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5151-1.7TD Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5151-1.7TD Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5151-1.7TD Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5151-1.7TD Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Output Current Limit
Output Noise
Shutdown Output Current
Thermal Resistance
Thermal Shutdown
Max.
±1.0
±2.0
250
600
±1.0
±2.0
±0.5
±1.0
10
60
-
-
-
0.8
600
2
500
1.5
-
Output Voltage Tolerance
Dropout Voltage
Load Regulation
Line Regulation
Ground Current
Enable Input Voltage
Enable Input Current
Storage Temperature Range
Lead Temperature
(10 Seconds Soldering)
Operating Temperature
MSK 5151 Series
MSK 5151H/E Series
%
%
mV
mV
%
%
%
%
A
mA
mA
µV
V
V
µA
µA
µA
°C/W
°C
∆VOUT=-1%; IOUT=250m A
∆VOUT=-1%; IOUT=5A
VIN=VOUT+1V
10mA
≤ IOUT ≤ 4.5A
(VOUT +1V)
≤ VIN ≤ 26V
IOUT=10mA
VOUT=0V; VIN=VOUT+1V
VIN=VOUT+1V; IOUT=2.5A
VIN=VOUT+1V; IOUT=5A
CL=20µF; 10Hz
≤ f ≤ 100KHz
VENABLE
≤ 0.8V
Junction to Case @125°C
TJ
Input Voltage (100mS 1%D.C.)
Input Voltage
Enable Voltage
Output Current
VINP
VIN
VEN
IOUT
Parameter
TST
TLD
TJ
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
Test Conditions
1
2
3
4
5
6
7
8
9
NOTES:
Output decoupled to ground using 33µF minimum capacitance unless otherwise specified.
This parameter is guaranteed by design but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade and "E" suffix devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
Subgroup 2
Subgroup 3
Please consult the factory if alternate output voltages are required.
Due to current limit, maximum output current may not be available at all values of VIN-VOUT and temperatures. See typical
performance curves for clarification.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
TC=+25°C
TJ=+125°C
TA=-55°C
HIGH/ON
LOW/OFF
HIGH/ON
LOW/OFF
MSK 5151H/E SERIES
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
Typ.
±0.5
±1.0
125
370
±0.2
±0.3
±0.05
±0.5
7.5
25
80
400
1.2
1.2
100
-
10
1.1
135
Typ.
±0.5
-
125
370
±0.2
±0.3
±0.05
±0.5
7.5
25
80
400
1.2
1.2
100
-
10
1.1
135
MSK 5151 SERIES
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
Max.
±1.0
-
275
625
±1.2
-
±0.6
-
10
65
-
-
-
0.8
600
2
500
1.7
-
Units
2
2
2
2
Group A
Subgroup
1
2,3
1
1
1
2,3
1
2,3
-
-
-
-
1
1
1
1
-
-
-
2
IOUT=10mA; VIN=VOUT+1V
2
-20V to +60V
26V
-0.3V to 26V
5.5A
2
2
2
2
3
1
2
Rev. A
1/06
8
9


Similar Part No. - MSK5151-1.7TD

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5150 ANAREN-MSK5150 Datasheet
796Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5150-00ETD MSK-MSK5150-00ETD Datasheet
315Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5150-00ETS MSK-MSK5150-00ETS Datasheet
315Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5150-00ETU MSK-MSK5150-00ETU Datasheet
315Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5150-00EZD MSK-MSK5150-00EZD Datasheet
315Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - MSK5151-1.7TD

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5150-3.3BTU MSK-MSK5150-3.3BTU Datasheet
315Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5176-3.3HTU MSK-MSK5176-3.3HTU Datasheet
276Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5175 MSK-MSK5175 Datasheet
235Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5176 ANAREN-MSK5176 Datasheet
753Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5175 ANAREN-MSK5175 Datasheet
792Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5250 ANAREN-MSK5250 Datasheet
112Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275 ANAREN-MSK5275 Datasheet
115Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5150 ANAREN-MSK5150 Datasheet
796Kb / 7P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5275-3.3H MSK-MSK5275-3.3H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5250-3.3H MSK-MSK5250-3.3H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com